Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAPSS0081 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MAAPSS0081
Description  ISM Power Amplifier 2.4 - 2.5 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAPSS0081 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MAAPSS0081 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAPSS0081 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAPSS0081 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAPSS0081 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAPSS0081 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAPSS0081 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
3
ISM Power Amplifier
2.4 - 2.5 GHz
Rev. V1
MAAPSS0081
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Recommended PCB Configuration
Schematic
Parts List
Part
Value
Case Style Manufacturer
C1, C2, C6
0.1 µF
0402
Murata
C5
1.0 µF
0402
Murata
C3, C4, C9
47.0 pF
0402
Murata
C7
1000.0 pF
0402
Murata
C8
2.0 pF
0402
Murata
C10
0.022 µF
0402
Murata
R1, R3
249.0 Ω
0402
Panasonic
R2
806.0 Ω
0402
Panasonic
L1
7.5 nH
0402
Coilcraft
Designator
Length (mm) *
Width (mm)
T1
1.09
0.35
T2
2.19
0.35
T3
3.35
0.37
T4
0.41
0.37
* From package edge to center of component
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Silicon germanium Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com