Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USN1206 Datasheet (PDF) - Schurter Inc.

USN1206 Datasheet PDF - Schurter Inc.
Part # USN1206
Download  USN1206 Download
File Size   368.15 Kbytes
Page   3 Pages
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.
Description Thermal sensitive Fuse, SMD 1206, 32 VDC

USN1206 Datasheet (PDF)

Go To PDF Page Download Datasheet
USN1206 Datasheet PDF - Schurter Inc.

Part # USN1206
Download  USN1206 Click to download

File Size   368.15 Kbytes
Page   3 Pages
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.
Description Thermal sensitive Fuse, SMD 1206, 32 VDC

USN1206 Datasheet (HTML) - Schurter Inc.




Similar Part No. - USN1206

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
USN1206 SCHURTER-USN1206 Datasheet
378Kb / 3P
Thermal sensitive Fuse, SMD 1206, 32 VDC
04.01.2022
USN1206 SCHURTER-USN1206_V01 Datasheet
378Kb / 3P
Thermal sensitive Fuse, SMD 1206, 32 VDC
04.01.2022
More results


Similar Description - USN1206

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE8070 NTE-NTE8070 Datasheet
20Kb / 1P
Thermal Cutoff (Thermal Fuse)
logo
List of Unclassifed Man...
PXV1220S ETC2-PXV1220S_1 Datasheet
49Kb / 1P
thermal sensitive chip attenuators.
logo
Schurter Inc.
UST1206 SCHURTER-UST1206 Datasheet
436Kb / 2P
SMD Fuse, 3.2 x 1.6 mm, Slow-Blow, 32 VAC, 63 VDC
UST1206 SCHURTER-UST1206_16 Datasheet
280Kb / 3P
SMD Fuse, 3.2 x 1.6 mm, Time-Lag T, 32 VAC, 63 VDC
UST1206 SCHURTER-UST1206_18 Datasheet
310Kb / 4P
SMD Fuse, 3.2 x 1.6 mm, Time-Lag T, 32 VAC, 63 VDC
logo
PHOENIX CONTACT
2900796 PHOENIX-2900796 Datasheet
54Kb / 2P
Fuse - THERMAL FUSE TF104
logo
Schurter Inc.
RTS SCHURTER-RTS Datasheet
678Kb / 4P
SMD thermal fuse for high currents
04.01.2022
USN1206 SCHURTER-USN1206_V01 Datasheet
378Kb / 3P
Thermal sensitive Fuse, SMD 1206, 32 VDC
04.01.2022
logo
Vishay Siliconix
HCTF VISHAY-HCTF_V01 Datasheet
90Kb / 5P
High Current Thermal Fuse
10-Apr-13
logo
UN Semiconducctor INC
14D471KTB UNSEMI-14D471KTB Datasheet
422Kb / 2P
Thermal Fuse & MOV (TFMOV)
Revision December 18, 2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com