Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3L100 Datasheet (PDF) - Pericom Semiconductor Corporation

PI3L100 Datasheet PDF - Pericom Semiconductor Corporation
Part # PI3L100
Download  PI3L100 Download
File Size   74.2 Kbytes
Page   6 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 3.3V, Wide Bandwidth Quad 2:1 Mux/Demux LanSwitch

PI3L100 Datasheet (PDF)

Go To PDF Page Download Datasheet
PI3L100 Datasheet PDF - Pericom Semiconductor Corporation

Part # PI3L100
Download  PI3L100 Click to download

File Size   74.2 Kbytes
Page   6 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 3.3V, Wide Bandwidth Quad 2:1 Mux/Demux LanSwitch

PI3L100 Datasheet (HTML) - Pericom Semiconductor Corporation


PI3L100 Product details

Description
Pericom Semiconductor’s PI3L100 is a Quad 2:1 multiplexer/demultiplexer LanSwitch with three-state outputs. This device can be used for switching between various standards, such as 10 Base-T and 100 Base-T. Generally, this part can be used to replace mechanical relays in low voltage LAN applications that have physical layer, unshielded twisted pair media (UTP) with either CAT 3 or CAT 5 grade cable.

Features
• Replaces Mechanical Relays
• High-performance, Low-cost Solution for switching between Different LAN Signals
• Ultra-low Quiescent Power (0.1µA typical)
• Low Crosstalk: –100dB @ 10 MHz
• Low Insertion Loss or On-Resistance: 5 typical
• Single Supply Operation: 3.3V ±10%
• Off Isolation: –50dB @ 10 MHz
• Wide-bandwidth data rates >200 MHz
• Packaging (Pb-free & Green available):
    – 16-pin 150 mil wide plastic QSOP (Q)
    – 16-pin 173 mil wide plastic TSSOP (L)




Similar Part No. - PI3L100

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3L110 PERICOM-PI3L110 Datasheet
396Kb / 6P
3.3V Quad, 2:1 Mux/DeMux Fast Ethernet LAN Switch w/ Single Enable
PI3L110L PERICOM-PI3L110L Datasheet
396Kb / 6P
3.3V Quad, 2:1 Mux/DeMux Fast Ethernet LAN Switch w/ Single Enable
PI3L110L PERICOM-PI3L110L Datasheet
365Kb / 6P
3.3V Quad, 2:1 Mux/DeMux Fast Ethernet LAN Switch w/ Single Enable
PI3L110LE PERICOM-PI3L110LE Datasheet
396Kb / 6P
3.3V Quad, 2:1 Mux/DeMux Fast Ethernet LAN Switch w/ Single Enable
PI3L110LE PERICOM-PI3L110LE Datasheet
365Kb / 6P
3.3V Quad, 2:1 Mux/DeMux Fast Ethernet LAN Switch w/ Single Enable
More results


Similar Description - PI3L100

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3B3257 PERICOM-PI3B3257 Datasheet
192Kb / 5P
3.3V, Quad 2:1 Mux/Demux Bus Switch
PI5L200 PERICOM-PI5L200 Datasheet
180Kb / 9P
Precision Wide Bandwidth LanSwitch Quad 2:1 Mux/DeMux
PI5L100 PERICOM-PI5L100 Datasheet
213Kb / 13P
Wide Bandwidth Low Voltage LanSwitch Quad 2:1 Mux/Demux
PI3B3257A PERICOM-PI3B3257A Datasheet
313Kb / 4P
3.3V, Quad 2:1 Mux/DeMux NanoSwitch
PI3B3257QEX PERICOM-PI3B3257QEX Datasheet
706Kb / 7P
3.3V, Quad 2:1 Mux/DeMux NanoSwitch
logo
Potato Semiconductor Co...
PO3B22A POTATO-PO3B22A_14 Datasheet
1Mb / 5P
Wide Bandwidth, Dual 2:1 Mux/DeMux
logo
Pericom Semiconductor C...
PI5L200QX PERICOM-PI5L200QX Datasheet
185Kb / 9P
Precision Wide Bandwidth LanSwitch Quad 2 1 Mux/DeMux
logo
Analog Devices
ADG774 AD-ADG774_15 Datasheet
140Kb / 12P
Wide Bandwidth Quad 2:1 Mux
REV. C
logo
Pericom Semiconductor C...
PI3B3257A PERICOM-PI3B3257A_11 Datasheet
469Kb / 4P
3.3V, Quad 2:1 Mux/DeMux NanoSwitch
logo
Diodes Incorporated
PI3B3257 DIODES-PI3B3257_V01 Datasheet
1Mb / 8P
3.3V, Quad 2:1 Mux/DeMux NanoSwitch
April 2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com