Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5L100 Datasheet (PDF) - Pericom Semiconductor Corporation

PI5L100 Datasheet PDF - Pericom Semiconductor Corporation
Part # PI5L100
Download  PI5L100 Download
File Size   213.65 Kbytes
Page   13 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description Wide Bandwidth Low Voltage LanSwitch Quad 2:1 Mux/Demux

PI5L100 Datasheet (PDF)

Go To PDF Page Download Datasheet
PI5L100 Datasheet PDF - Pericom Semiconductor Corporation

Part # PI5L100
Download  PI5L100 Click to download

File Size   213.65 Kbytes
Page   13 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description Wide Bandwidth Low Voltage LanSwitch Quad 2:1 Mux/Demux

PI5L100 Datasheet (HTML) - Pericom Semiconductor Corporation


PI5L100 Product details

Description
Pericom Semiconductor’s PI5L100 is a Quad 2:1 multiplexer/demultiplexer LanSwitch with three-state outputs. This device can be used for switching between various standards, such as 10 Base-T, 100 Base-T, 100VG-AnyLAN or Token Ring. Generally, this part can be used to replace mechanical relays in low voltage LAN applications that have phsical layer, unshielded twisted pair media (UTP) with either CAT 3 or CAT 5 grade cable.
To reduce insertion loss, PI5L100 is powered by a 6.2V Zener voltage.

Features
• Replaces mechanical relays
• High-performance, low-cost solution for switching
   between different LAN signals
• Ultra-low quiescent power (0.1 µA typical)
• Low crosstalk: –40 dB @ 30 Mbps
• Low insertion loss or On-Resistance: 3ohms typical
• Single extended supply operation up to 6.2V ± 5%
• Off isolation: –30 dB @ 30 Mbps
• Wide bandwidth data rates > 200 Mbps
• Packages (Pb-free & Green available):
   – 16-pin 150-mil wide plastic SOIC (W)
   – 16-pin 150-mil wide plastic QSOP (Q)
   – 20-pin 173-mil wide plastic TSSOP (L)




Similar Part No. - PI5L100

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5L102 PERICOM-PI5L102 Datasheet
422Kb / 7P
CompactPCI Hot Swap Pull-up Switch
More results


Similar Description - PI5L100

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5L200 PERICOM-PI5L200 Datasheet
180Kb / 9P
Precision Wide Bandwidth LanSwitch Quad 2:1 Mux/DeMux
PI3L100 PERICOM-PI3L100 Datasheet
74Kb / 6P
3.3V, Wide Bandwidth Quad 2:1 Mux/Demux LanSwitch
logo
Potato Semiconductor Co...
PO3B3257A POTATO-PO3B3257A Datasheet
558Kb / 6P
Quad 2:1 Mux/DeMux
PO3B22A POTATO-PO3B22A_14 Datasheet
1Mb / 5P
Wide Bandwidth, Dual 2:1 Mux/DeMux
PO3B3257A POTATO-PO3B3257A_14 Datasheet
1Mb / 5P
Quad 2:1 Mux/DeMux
logo
Pericom Semiconductor C...
PI5C3257L PERICOM-PI5C3257L Datasheet
476Kb / 6P
Quad 2 1 Mux/DeMux BusSwitch
PI5L200QX PERICOM-PI5L200QX Datasheet
185Kb / 9P
Precision Wide Bandwidth LanSwitch Quad 2 1 Mux/DeMux
logo
Analog Devices
ADG774 AD-ADG774_15 Datasheet
140Kb / 12P
Wide Bandwidth Quad 2:1 Mux
REV. C
logo
Savitech Corp.
SV73257A SAVITECH-SV73257A Datasheet
267Kb / 8P
8KV ESD, Low-Voltage, High-Bandwidth Quad 2:1 MUX/DEMUX Bus Switch
SV73257C SAVITECH-SV73257C Datasheet
267Kb / 8P
8KV ESD, Low-Voltage, High-Bandwidth Quad 2:1 MUX/DEMUX Bus Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com