Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5L102 Datasheet (PDF) - Pericom Semiconductor Corporation

PI5L102 Datasheet PDF - Pericom Semiconductor Corporation
Part # PI5L102
Download  PI5L102 Download
File Size   422.36 Kbytes
Page   7 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description CompactPCI Hot Swap Pull-up Switch

PI5L102 Datasheet (PDF)

Go To PDF Page Download Datasheet
PI5L102 Datasheet PDF - Pericom Semiconductor Corporation

Part # PI5L102
Download  PI5L102 Click to download

File Size   422.36 Kbytes
Page   7 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description CompactPCI Hot Swap Pull-up Switch

PI5L102 Datasheet (HTML) - Pericom Semiconductor Corporation


PI5L102 Product details

Product Description
The PI5L102L CompactPCI Hot Swap Pull-up switch is a Quad 1:2 multiplexer. It is designed to switch the 1V precharge bias voltage and 10-kohm pull-up resistor connected to the CompactPCI bus signals during Hot Swap. Each switch can connect eight inputs (IAn to IDn) to a given pull-up voltage level.
In addition, the PI5L102 can be used to select 2.7 kohms/3.3V or 1.0 kohm/5V pull-ups for the system card PCI signal lines.
ON resistance is a low 7 ohms maximum and all eight switches are selected or disabled with a single CMOS/TTL compatible signal. For general-purpose applications, the PI5L102 can replace mechanical relays. In network systems, physical layer signals can be switched.
To reduce the insertion loss, the PI5L102 can be powered by a 6.2V Zener diode.

Product Features
• Supports CompactPCI precharge voltage selection
• 3.3V/2.7kohms, 5V/1ohm line termination selection
• Ultra-low quiescent current: 0.1µA typical
• Low ON resistance: 7ohms maximum
• Single supply operation up to 6.2V ±5%
• Wide bandwidth data rates: >200 Mbps
• Compact 20-pin TSSOP package
• Mechanical relay replacement




Similar Part No. - PI5L102

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5L100 PERICOM-PI5L100 Datasheet
213Kb / 13P
Wide Bandwidth Low Voltage LanSwitch Quad 2:1 Mux/Demux
PI5L100L PERICOM-PI5L100L Datasheet
213Kb / 13P
Wide Bandwidth Low Voltage LanSwitch Quad 2:1 Mux/Demux
PI5L100LE PERICOM-PI5L100LE Datasheet
213Kb / 13P
Wide Bandwidth Low Voltage LanSwitch Quad 2:1 Mux/Demux
PI5L100Q PERICOM-PI5L100Q Datasheet
213Kb / 13P
Wide Bandwidth Low Voltage LanSwitch Quad 2:1 Mux/Demux
PI5L100QE PERICOM-PI5L100QE Datasheet
213Kb / 13P
Wide Bandwidth Low Voltage LanSwitch Quad 2:1 Mux/Demux
More results


Similar Description - PI5L102

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4240 LINER-LTC4240 Datasheet
486Kb / 28P
CompactPCI Hot Swap Controller with I2C Compatible Interface
LTC1644 LINER-LTC1644 Datasheet
452Kb / 24P
CompactPCI Bus Hot Swap Controller
logo
Summit Microelectronics...
SMH4042A SUMMIT-SMH4042A Datasheet
1Mb / 28P
Distributed Power Hot-Swap Controller for CompactPCI
logo
Linear Technology
LTC4244 LINER-LTC4244 Datasheet
333Kb / 28P
Rugged, CompactPCI Bus Hot Swap Controllers
LTC1646 LINER-LTC1646 Datasheet
407Kb / 20P
CompactPCI Dual Hot Swap Controller
LTC1646 LINER-LTC1646_15 Datasheet
413Kb / 20P
CompactPCI Dual Hot Swap Controller
LTC4240 LINER-LTC4240_15 Datasheet
499Kb / 28P
CompactPCI Hot Swap Controller with I2C Compatible Interface
LTC1644 LINER-LTC1644_15 Datasheet
453Kb / 24P
CompactPCI Bus Hot Swap Controller
LTC4244 LINER-LTC4244_15 Datasheet
354Kb / 28P
Rugged, CompactPCI Bus Hot Swap Controllers
LTC4244-1 LINER-LTC4244-1_15 Datasheet
354Kb / 28P
Rugged, CompactPCI Bus Hot Swap Controllers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com