Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPB715 Datasheet (PDF) - TT Electronics.

OPB715 Datasheet PDF - TT Electronics.
Part # OPB715
Download  OPB715 Download
File Size   961.85 Kbytes
Page   4 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description Photologic Reflective Obiect Sensor

OPB715 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPB715 Datasheet PDF - TT Electronics.

Part # OPB715
Download  OPB715 Click to download

File Size   961.85 Kbytes
Page   4 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description Photologic Reflective Obiect Sensor

OPB715 Datasheet (HTML) - TT Electronics.


OPB715 Product details

Description:
The OPB715Z series reflective assembly consists of a GaALAs LED and a Photologic sensor enclosed in an IR transmissive housing. The sensor is characterized to detect paper at 0.5” (12.7 mm). The sensor has a wide operating distance range and is capable of detecting reflective objects at other distances. The reflective distance depends on the reflectance materials.

Features:
• Focused for maximum sensitivity
• .5” (12.700 mm) sensing distance
• Panel mount
• Choice of output configurations
• 18” (457.200 mm) minimum wire length

Applications:
• Focused for maximum sensitivity
• 0.5” (12.700 mm) sensing distance
• Panel mount
• Choice of output configurations
• 18” (457.200 mm) minimum wire length




Similar Part No. - OPB715

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB715 OPTEK-OPB715 Datasheet
228Kb / 2P
Photologic Reflective Object Sensor
Jun-1998
OPB715Z OPTEK-OPB715Z Datasheet
241Kb / 3P
Photologic짰 Reflective Object Sensor
logo
TT Electronics.
OPB715Z TTELEC-OPB715Z Datasheet
1Mb / 4P
Photologic® Reflective Object Sensor
04/2018
More results


Similar Description - OPB715

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB715 OPTEK-OPB715 Datasheet
228Kb / 2P
Photologic Reflective Object Sensor
Jun-1998
OPB760T OPTEK-OPB760T Datasheet
370Kb / 4P
Photologic Reflective Object Sensors
Jun-1996
OPB760 OPTEK-OPB760 Datasheet
330Kb / 4P
Photologic Reflective Object Sensors
Jun-1996
OPL820 OPTEK-OPL820 Datasheet
403Kb / 3P
Photologic Hermetic Sensor
OPB760N OPTEK-OPB760N_06 Datasheet
238Kb / 4P
Photologic Reflective Object Sensors
OPB760T OPTEK-OPB760T_06 Datasheet
264Kb / 4P
Photologic Reflective Object Sensors
OPB770T OPTEK-OPB770T_06 Datasheet
242Kb / 3P
Photologic Reflective Object Sensors
logo
TT Electronics.
OPB708 TTELEC-OPB708 Datasheet
1Mb / 6P
Reflective Obiect Sensor
OPB760 TTELEC-OPB760 Datasheet
398Kb / 7P
Photologic Reflective Object Sensor
OPL530 TTELEC-OPL530 Datasheet
813Kb / 10P
Photologic Sensor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com