Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPB760 Datasheet (PDF) - TT Electronics.

OPB760 Datasheet PDF - TT Electronics.
Part # OPB760
Download  OPB760 Download
File Size   398.97 Kbytes
Page   7 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description Photologic Reflective Object Sensor

OPB760 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPB760 Datasheet PDF - TT Electronics.

Part # OPB760
Download  OPB760 Click to download

File Size   398.97 Kbytes
Page   7 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description Photologic Reflective Object Sensor

OPB760 Datasheet (HTML) - TT Electronics.


OPB760 Product details

Description:
The OPB760N, OPB760T, OPB770N and OPB770T series of reflecƟve assemblies feature Photologic® output. The electrical output can be specified as either TTL Totem-Pole or TTL Open-Collector, either of which can be supplied with inverter or buffer output polarity.
OPB760N and OPB760T series devices are designed for PCBoard mounƟng and have 0.04” (10 mm) long leads.
OPB760T and OPB770T series devices are designed for remote mounƟng with two mounƟng tabs.
OPB770NZ and OPB770TZ series devices have 12” (305 mm) long, UL approved 26 AWG wires.
All devices in this series offer the added stability of a built-in hysteresis amplifier.

Features:
• Choice of mounting configurations
• Choice of four output configurations
• .040” (10.160 mm) PCBoard mount (N and T series)
• 12” (304.800 mm) AWG 26 wires (NZ and TZ series)

Applications:
• Non-contact Photologic® reflective object sensor
• Assembly line automation
• Machine automation
• Machine safety
• End of travel sensor
• Door sensor




Similar Part No. - OPB760

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB760 OPTEK-OPB760 Datasheet
330Kb / 4P
Photologic Reflective Object Sensors
Jun-1996
OPB760 OPTEK-OPB760 Datasheet
423Kb / 2P
Reflective Object Sensor
Jun-1996
OPB760N OPTEK-OPB760N Datasheet
330Kb / 4P
Photologic Reflective Object Sensors
Jun-1996
logo
TT Electronics.
OPB760N TTELEC-OPB760N Datasheet
630Kb / 7P
Photologic® Reflective Object Sensor
06/2022
logo
OPTEK Technologies
OPB760N OPTEK-OPB760N_06 Datasheet
238Kb / 4P
Photologic Reflective Object Sensors
More results


Similar Description - OPB760

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QRD1113 FAIRCHILD-QRD1113 Datasheet
164Kb / 4P
REFLECTIVE OBJECT SENSOR
QRE1113 FAIRCHILD-QRE1113 Datasheet
337Kb / 5P
REFLECTIVE OBJECT SENSOR
logo
OPTEK Technologies
OPB715 OPTEK-OPB715 Datasheet
228Kb / 2P
Photologic Reflective Object Sensor
Jun-1998
OPB760T OPTEK-OPB760T Datasheet
370Kb / 4P
Photologic Reflective Object Sensors
Jun-1996
OPB760 OPTEK-OPB760 Datasheet
330Kb / 4P
Photologic Reflective Object Sensors
Jun-1996
OPB745 OPTEK-OPB745 Datasheet
217Kb / 2P
REFLECTIVE OBJECT SENSOR
OPB760N OPTEK-OPB760N_06 Datasheet
238Kb / 4P
Photologic Reflective Object Sensors
OPB760T OPTEK-OPB760T_06 Datasheet
264Kb / 4P
Photologic Reflective Object Sensors
OPB770T OPTEK-OPB770T_06 Datasheet
242Kb / 3P
Photologic Reflective Object Sensors
OPB750 OPTEK-OPB750_14 Datasheet
165Kb / 4P
Reflective Object Sensor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com