Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPB760 Datasheet(PDF) 4 Page - TT Electronics.

Part # OPB760
Description  Photologic Reflective Object Sensor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPB760 Datasheet(HTML) 4 Page - TT Electronics.

  OPB760 Datasheet HTML 1Page - TT Electronics. OPB760 Datasheet HTML 2Page - TT Electronics. OPB760 Datasheet HTML 3Page - TT Electronics. OPB760 Datasheet HTML 4Page - TT Electronics. OPB760 Datasheet HTML 5Page - TT Electronics. OPB760 Datasheet HTML 6Page - TT Electronics. OPB760 Datasheet HTML 7Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Photologic® Reflective Object
Sensor
OPB760, OPB761, OPB762, OPB763 (Series N and T)
OPB770, OPB771, OPB772, OPB773 (Series NZ and TZ)
Issue C
05/2016
Page 4
OPTEK Technology, Inc.
1645 Wallace Drive, Carrollton, TX 75006|Ph: +1 972 323 2200
www.optekinc.com | www.ttelectronics.com
Electrical Specifications
Absolute Maximum Ratings (TA=25°C unless otherwise noted)
Supply Voltage, VCC (not to exceed 3 seconds)
10 V
Storage Temperature Range
-40° C to +85° C
Operating Temperature Range
-40° C to +70° C
Lead Soldering Temperature (1/16” inch (1.6 mm) from case for 5 seconds with soldering iron)(1)
260° C
Input Diode Power Dissipation(2)
100 mW
Output Photologic® Power Dissipation(3)
200 mW
Total Device Power Dissipation(4)
300 mW
Voltage at Output Lead (Open Collector Output)
35 V
Diode Forward DC Current
40 mA
Diode Reverse DC Voltage
3 V
Electrical Characteristics (TA = 25°C unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Input Diode
VF
Forward Voltage
-
-
1.8
V
IF = 40 mA, TA = 25° C
IR
Reverse Current
-
-
100
μA
VR = 2.0 V, TA = 25° C
Output Photologic® Sensor
VCC
Operating DC Supply Voltage
4.75
-
5.25
V
ICCL
Low Level Supply Current:
Buffered Totem-Pole Output(5)(6)
Buffered Open-Collector Output(5)(6)
-
-
-
-
10
10
mA
mA
Vcc = 5.25 V, If = 0 mA (output open)
Inverted Totem-Pole Output(5)
Inverted Open-Collector Output(5)
-
-
-
-
10
10
mA
mA
Vcc = 5.25 V, If = 25 mA (output open)
ICCH
High Level Supply Current:
Buffered Totem-Pole Output(5)(6)
Buffered Open-Collector Output(5)
-
-
-
-
10
10
mA
mA
Vcc = 5.25 V, If = 25 mA (output open)
Inverted Totem-Pole Output(5)(6)
Inverted Open-Collector Output(5)(6)
-
-
-
-
10
10
mA
mA
Vcc = 5.25 V, If = 0 mA (output open)
IOH
High Level Output Current:
Buffered Open-Collector Output
-
-
-
-
100
100
μA
μA
Vcc = 4.5 V, If = 25 mA, VOH = 30 V, TA=25°C
Inverted Open-Collector Output
-
-
100
μA
Vcc = 4.5 V, If = 0 mA, VOH = 30 V, TA = 25°C
Notes:
(1) RMA flux is recommended. Duration can be extended to 10 seconds maximum when flow soldering.
(2) Derate linearly 2.22 mW/°C above 25° C.
(3) Derate linearly 4.44 mW/°C above 25° C.
(4) Derate linearly 6.66 mW/°C above 25° C.Normal application would be with light source blocked, simulated by IF=0 mA.
(5) Tested at d = 0.080” (mm) from a 90% diffuse white test surface.
(6) Normal application would be with light source blocked, simulated by IF = 0 mA.
(7) All parameters tested using pulse technique.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com