Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK5140 Datasheet (PDF) - Anaren Microwave

MSK5140 Datasheet PDF - Anaren Microwave
Part # MSK5140
Download  MSK5140 Download
File Size   377.44 Kbytes
Page   8 Pages
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave
Description 1.5A LOW NOISE, FIXED OUTPUT LDO REGULATOR

MSK5140 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSK5140 Datasheet PDF - Anaren Microwave

Part # MSK5140
Download  MSK5140 Click to download

File Size   377.44 Kbytes
Page   8 Pages
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave
Description 1.5A LOW NOISE, FIXED OUTPUT LDO REGULATOR

MSK5140 Datasheet (HTML) - Anaren Microwave




Similar Part No. - MSK5140

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK5140-15 MSK-MSK5140-15_15 Datasheet
377Kb / 8P
Fast Transient Response
MSK5140-18 MSK-MSK5140-18_15 Datasheet
377Kb / 8P
Low Dropout Voltage: 340mV @ 1.5A
MSK5140-33 MSK-MSK5140-33_15 Datasheet
377Kb / 8P
Fast Transient Response
More results


Similar Description - MSK5140

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9167 RICHTEK-RT9167 Datasheet
230Kb / 13P
Low-Noise, Fixed Output Voltage,300mA/500mA LDO Regulator
logo
Power IC Ltd.
PL0300 PICSEMI-PL0300 Datasheet
327Kb / 12P
Low Noise, Fixed Output Voltage 300mA LDO Regulator
logo
Rohm
BA15JC5T ROHM-BA15JC5T Datasheet
430Kb / 16P
1.5A Variable/Fixed Output LDO Regulators
logo
Orister Corporation
RS7110 ORISTER-RS7110 Datasheet
599Kb / 9P
1.5A Fixed Voltage LDO Linear Regulator
logo
Rohm
BD00HC5WEFJ ROHM-BD00HC5WEFJ_12 Datasheet
494Kb / 22P
1.5A Variable Fixed Output LDO Regulators
BD00HC5WEFJ ROHM-BD00HC5WEFJ_13 Datasheet
494Kb / 22P
1.5A Variable / Fixed Output LDO Regulators
logo
E-CMOS Corporation
EC8815 E-CMOS-EC8815 Datasheet
578Kb / 10P
1.5A Fixed Voltage LDO Linear Regulator
logo
Anaren Microwave
MSK5141 ANAREN-MSK5141 Datasheet
472Kb / 8P
1.5A LOW NOISE, ADJUSTABLE LDO REGULATOR
MSK5142 ANAREN-MSK5142 Datasheet
424Kb / 9P
3A LOW NOISE, FIXED OUTPUT LDO REGULATOR
MSK5144 ANAREN-MSK5144 Datasheet
373Kb / 7P
3A LOW NOISE, FIXED OUTPUT LDO REGULATOR
More results




About Anaren Microwave


Anaren Microwave is a company that designs and manufactures high-frequency microwave components and subsystems for the aerospace and defense industries, as well as the wireless communication industry. The company was founded in 1967 and is headquartered in Syracuse, New York.

Anaren Microwave's products include RF amplifiers, filters, couplers, power dividers, and other passive and active microwave components. The company also offers custom-designed microwave subsystems, including signal generators, receivers, and transmitters, that are used in a variety of applications, such as radar systems, satellite communications, and electronic warfare.

Anaren Microwave is known for its advanced technology and manufacturing capabilities, including surface mount technology, microelectronic packaging, and automated testing. The company has a strong focus on research and development, with a team of engineers and scientists working to develop new products and technologies.

In 2018, Anaren Microwave was acquired by TTM Technologies, a leading manufacturer of printed circuit boards and other electronic components. Today, Anaren Microwave operates as a division of TTM Technologies, continuing to provide high-quality microwave components and subsystems to customers around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com