Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9167 Datasheet (PDF) - Richtek Technology Corporation

RT9167 Datasheet PDF - Richtek Technology Corporation
Part # RT9167
Download  RT9167 Download
File Size   230.99 Kbytes
Page   13 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Low-Noise, Fixed Output Voltage,300mA/500mA LDO Regulator

RT9167 Datasheet (PDF)

Go To PDF Page Download Datasheet
RT9167 Datasheet PDF - Richtek Technology Corporation

Part # RT9167
Download  RT9167 Click to download

File Size   230.99 Kbytes
Page   13 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Low-Noise, Fixed Output Voltage,300mA/500mA LDO Regulator

RT9167 Datasheet (HTML) - Richtek Technology Corporation


RT9167 Product details

General Description

The RT9167/A is a 300mA/500mA low dropout and low noise micropower regulator suitable for portable applications. The output voltages range from 1.5V to 5.0V in 100mV increments and 2% accuracy. The RT9167/A is designed for use with very low ESR capacitors. The output remains stable even with 1μF ceramic output capacitor.

The RT9167/A uses an internal PMOS as the pass device, which does not cause extra GND current in heavy load and dropout conditions. The shutdown mode of nearly zero operation current makes the IC suitable for battery-powered devices. Other features include a reference bypass pin to improve low noise performance, current limiting, and over temperature protection.



Features

• Stable with Low-ESR Output Capacitor

• Low Dropout Voltage (350mV @ 300mA)

• Low Operation Current −80μA Typical

• Shutdown Function

• Low Noise Output

• Low Temperature Coefficient

• Current and Thermal Limiting

• Custom Voltage Available

• SOT-23-5 and SOP-8 Packages

• RoHS Compliant and 100% Lead (Pb)-Free



Applications

• Cellular Telephones

• Laptop, Notebook, and Palmtop Computers

• Battery-powered Equipment

• Hand-held Equipment



 




Similar Part No. - RT9167

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9167-17PB RICHTEK-RT9167-17PB Datasheet
206Kb / 10P
The RT9167B is a 300mA low dropout and low noise
RT9167-18GB RICHTEK-RT9167-18GB Datasheet
206Kb / 10P
The RT9167B is a 300mA low dropout and low noise
RT9167-18PB RICHTEK-RT9167-18PB Datasheet
206Kb / 10P
The RT9167B is a 300mA low dropout and low noise
RT9167-20PB RICHTEK-RT9167-20PB Datasheet
206Kb / 10P
The RT9167B is a 300mA low dropout and low noise
RT9167-25GB RICHTEK-RT9167-25GB Datasheet
206Kb / 10P
The RT9167B is a 300mA low dropout and low noise
More results


Similar Description - RT9167

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX3819 SIPEX-SPX3819 Datasheet
137Kb / 12P
500mA, Low-Noise LDO Voltage Regulator
logo
List of Unclassifed Man...
RT9168 ETC-RT9168 Datasheet
236Kb / 13P
200MA / 500MA FIXED OUTPUT VOLTAGE LDO REGULATOR
logo
BCD Semiconductor Manuf...
AP2115 BCDSEMI-AP2115 Datasheet
148Kb / 16P
300mA FIXED OUTPUT VOLTAGE LDO REGULATOR
AP2117 BCDSEMI-AP2117 Datasheet
51Kb / 2P
300mA FIXED OUTPUT VOLTAGE LDO REGULATOR
logo
Sipex Corporation
SPX3819 SIPEX-SPX3819_07 Datasheet
377Kb / 13P
500mA, Low-Noise LDO Voltage Regulator
logo
Richtek Technology Corp...
RT9168 RICHTEK-RT9168 Datasheet
155Kb / 11P
200mA/500mA Fixed Output Voltage LDO Regulator
logo
Taiwan Semiconductor Co...
TS5214 TSC-TS5214 Datasheet
315Kb / 7P
300mA Low Noise LDO Voltage Regulator
logo
Power IC Ltd.
PL0300 PICSEMI-PL0300 Datasheet
327Kb / 12P
Low Noise, Fixed Output Voltage 300mA LDO Regulator
logo
Taiwan Semiconductor Co...
TS5214 TSC-TS5214_08 Datasheet
436Kb / 8P
300mA Low Noise LDO Voltage Regulator
logo
Exar Corporation
SPX3819M5-L-3-3-TR EXAR-SPX3819M5-L-3-3-TR Datasheet
1Mb / 13P
500mA Low-Noise LDO Voltage Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com