Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9167 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9167
Description  Low-Noise, Fixed Output Voltage,300mA/500mA LDO Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9167 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9167 Datasheet HTML 1Page - Richtek Technology Corporation RT9167 Datasheet HTML 2Page - Richtek Technology Corporation RT9167 Datasheet HTML 3Page - Richtek Technology Corporation RT9167 Datasheet HTML 4Page - Richtek Technology Corporation RT9167 Datasheet HTML 5Page - Richtek Technology Corporation RT9167 Datasheet HTML 6Page - Richtek Technology Corporation RT9167 Datasheet HTML 7Page - Richtek Technology Corporation RT9167 Datasheet HTML 8Page - Richtek Technology Corporation RT9167 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
RT9167/A
2
DS9167/A-26 March 2007
www.richtek.com
Function Block Diagram
Typical Application Circuit
Functional Pin Description
Pin Name
Pin Function
VIN
Power Input Voltage
GND
Ground
EN
Chip Enable (Active High)
BP
Reference Noise Bypass
VOUT
Output Voltage
IN
GND
OUT
RT9167/A
C
OUT
1uF
C
IN
1uF
V
IN
V
OUT
EN
BP
C
BP
10nF
Chip Enable
Current-Limit and
Thermal Protection
MOS Driver
+
VOUT
Shutdown
and
Logic Control
R1
R2
VIN
Error
Amplifier
VREF
BP
EN
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com