Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2117 Datasheet (PDF) - BCD Semiconductor Manufacturing Limited

AP2117 Datasheet PDF - BCD Semiconductor Manufacturing Limited
Part # AP2117
Download  AP2117 Download
File Size   51.42 Kbytes
Page   2 Pages
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited
Description 300mA FIXED OUTPUT VOLTAGE LDO REGULATOR

AP2117 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP2117 Datasheet PDF - BCD Semiconductor Manufacturing Limited

Part # AP2117
Download  AP2117 Click to download

File Size   51.42 Kbytes
Page   2 Pages
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited
Description 300mA FIXED OUTPUT VOLTAGE LDO REGULATOR

AP2117 Datasheet (HTML) - BCD Semiconductor Manufacturing Limited


AP2117 Product details

Description
The AP2117 is positive voltage regulator IC designed by CMOS process. The AP2117 has features of low dropout voltage, low noise, high output voltage accuracy and low current consumption. It consists of a voltage reference, an error amplifier, a resistor network for setting output voltage, a current limit circuit for current protection, a circuit for over-temperature protection, and a chip enable circuit. Thus, the AP2117 is suitable for various power sources for portable application.

Features
 • High Ripple Rejection: 70dB at f=1KHz
 • Ultra Low Dropout Voltage: 0.3V Typical at IOUT=300mA
 • Low Operation Current: 80µA Typical
 • High Line Regulation: 4mV Typical
 • High Load Regulation: 12mV Typical at IOUT=300mA
 • High Output Voltage Accuracy: ± 2%
 • Output Voltage: 1.8V, 2.5V, 2.8V, 3.0V, 3.3V

Applications
 • Mobile Phones, Cordless Phones
 • Portable Games
 • Cameras
 • Portable AV Equipment
 • Battery Powered Equipment

Benefits
 • Low Noise
 • High PSRR
 • Very Competitive Price




Similar Part No. - AP2117

ManufacturerPart #DatasheetDescription
logo
RFHIC
AP211 RFHIC-AP211 Datasheet
303Kb / 5P
MMIC
logo
BCD Semiconductor Manuf...
AP2111 BCDSEMI-AP2111 Datasheet
62Kb / 2P
600mA CMOS LDO REGULATOR WITH ENABLE
logo
Diodes Incorporated
AP2111 DIODES-AP2111 Datasheet
365Kb / 14P
2A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2111 Rev. 1
AP2111 DIODES-AP2111 Datasheet
370Kb / 14P
2A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2111 Rev. 2
logo
BCD Semiconductor Manuf...
AP2111 BCDSEMI-AP2111 Datasheet
688Kb / 20P
600mA CMOS LDO REGULATOR WITH ENABLE
More results


Similar Description - AP2117

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9172 RICHTEK-RT9172 Datasheet
342Kb / 16P
3A FIXED OUTPUT VOLTAGE LDO REGULATOR
logo
BCD Semiconductor Manuf...
AP2115 BCDSEMI-AP2115 Datasheet
148Kb / 16P
300mA FIXED OUTPUT VOLTAGE LDO REGULATOR
logo
Richtek Technology Corp...
RT9167 RICHTEK-RT9167 Datasheet
230Kb / 13P
Low-Noise, Fixed Output Voltage,300mA/500mA LDO Regulator
RT9172 RICHTEK-RT9172_07 Datasheet
225Kb / 15P
3A Fixed Output Voltage LDO Regulator
logo
Power IC Ltd.
PL0300 PICSEMI-PL0300 Datasheet
327Kb / 12P
Low Noise, Fixed Output Voltage 300mA LDO Regulator
logo
Richtek Technology Corp...
RT9172 RICHTEK-RT9172_08 Datasheet
191Kb / 16P
3A Fixed Output Voltage LDO Regulator
logo
Rohm
BA3662CP-V5 ROHM-BA3662CP-V5_12 Datasheet
395Kb / 17P
300mA Variable Output LDO Regulator
BD00GA3WEFJ-E2 ROHM-BD00GA3WEFJ-E2 Datasheet
612Kb / 23P
300mA Variable / Fixed Output LDO Regulators
BD00HA3WEFJ ROHM-BD00HA3WEFJ_13 Datasheet
522Kb / 22P
300mA Variable Fixed Output LDO Regulators
BDXXGA3WEFJ ROHM-BDXXGA3WEFJ Datasheet
858Kb / 23P
300mA Variable / Fixed Output LDO Regulators
17.May.2013 Rev.004
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com