Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC3G34DP Datasheet (PDF) - NXP Semiconductors

74LVC3G34DP Datasheet PDF - NXP Semiconductors
Part # 74LVC3G34DP
Download  74LVC3G34DP Download
File Size   79.74 Kbytes
Page   14 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Triple buffer gate

74LVC3G34DP Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC3G34DP Datasheet PDF - NXP Semiconductors

Part # 74LVC3G34DP
Download  74LVC3G34DP Click to download

File Size   79.74 Kbytes
Page   14 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Triple buffer gate

74LVC3G34DP Datasheet (HTML) - NXP Semiconductors


74LVC3G34DP Product details

General description
The 74LVC3G34 is a high-performance, low-power, low-voltage, Si-gate CMOS device, superior to most advanced CMOS compatible TTL families.
The inputs can be driven from either 3.3 V or 5 V devices. This feature allows the use of this device as translator in a mixed 3.3 V and 5 V environment.
This device is fully specified for partial power-down applications using Ioff. The Ioff circuitry disables the output, preventing the damaging backflow current through the device when it is powered down.
The 74LVC3G34 provides three buffers.

Features
■ Wide supply voltage range from 1.65 V to 5.5 V
■ 5 V tolerant input/output for interfacing with 5 V logic
■ High noise immunity
■ Complies with JEDEC standard:
   ◆ JESD8-7 (1.65 V to 1.95 V)
   ◆ JESD8-5 (2.3 V to 2.7 V)
   ◆ JESD8-B/JESD36 (2.7 V to 3.6 V).
■ ESD protection:
   ◆ HBM EIA/JESD22-A114-B exceeds 2000 V
   ◆ MM EIA/JESD22-A115-A exceeds 200 V.
■ ±24 mA output drive (VCC = 3.0 V)
■ CMOS low power consumption
■ Latch-up performance exceeds 250 mA
■ Direct interface with TTL levels
■ Multiple package options
■ Specified from −40 °C to +85 °C and −40 °C to +125 °C.




Similar Part No. - 74LVC3G34DP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC3G34DP NXP-74LVC3G34DP Datasheet
87Kb / 14P
Triple buffer
Rev. 05-5 October 2007
74LVC3G34DP NXP-74LVC3G34DP Datasheet
100Kb / 16P
Triple buffer
Rev. 07-9 May 2008
logo
Nexperia B.V. All right...
74LVC3G34DP NEXPERIA-74LVC3G34DP Datasheet
258Kb / 16P
Triple buffer
Rev. 14 - 25 August 2021
74LVC3G34DP-Q100 NEXPERIA-74LVC3G34DP-Q100 Datasheet
200Kb / 11P
Triple buffer
More results


Similar Description - 74LVC3G34DP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC3G34 PHILIPS-74HC3G34 Datasheet
81Kb / 16P
Triple Buffer Gate
2003 May 19
74HC3G34 NXP-74HC3G34 Datasheet
90Kb / 13P
Triple buffer gate
Rev. 05-7 May 2009
logo
Texas Instruments
SN74LVC3G34 TI-SN74LVC3G34_07 Datasheet
533Kb / 13P
TRIPLE BUFFER GATE
logo
Unisonic Technologies
U74AHC3G34 UTC-U74AHC3G34 Datasheet
166Kb / 4P
TRIPLE BUFFER GATE
U74HCT3G34 UTC-U74HCT3G34 Datasheet
165Kb / 4P
TRIPLE BUFFER GATE
logo
Texas Instruments
SN74LVC3G34 TI1-SN74LVC3G34_15 Datasheet
903Kb / 21P
Triple Buffer Gate
logo
Nexperia B.V. All right...
74HC3G34-Q100 NEXPERIA-74HC3G34-Q100 Datasheet
197Kb / 13P
Triple buffer gate
74HCT3G34-Q100 NEXPERIA-74HCT3G34-Q100 Datasheet
196Kb / 13P
Triple buffer gate
Rev. 2 - 11 June 2018
74HCT3G34 NEXPERIA-74HCT3G34 Datasheet
196Kb / 13P
Triple buffer gate
Rev. 7 - 11 June 2018
74HC3G16 NEXPERIA-74HC3G16 Datasheet
184Kb / 9P
Triple buffer gate
Rev. 3 - 17 April 2019
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com