Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9664 Datasheet (PDF) - Analog Devices

AD9664 Datasheet PDF - Analog Devices
Part # AD9664
Download  AD9664 Download
File Size   89.29 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4-Channel LVDS Dual-Output Laser Diode Driver with Oscillator

AD9664 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9664 Datasheet PDF - Analog Devices

Part # AD9664
Download  AD9664 Click to download

File Size   89.29 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4-Channel LVDS Dual-Output Laser Diode Driver with Oscillator

AD9664 Datasheet (HTML) - Analog Devices


AD9664 Product details

GENERAL DESCRIPTION

The AD9664 is a laser diode driver for high performance CD-RW and DVD recordable drives. It includes four channels for four different optical power levels: the Read Channel generates a continuous output power level, whereas Channel 1, Channel 2, and Channel 3 can be used as write channels that can be controlled with an LVDS or TTL interface. The OSCEN pin is controlled by a TTL signal. All channels are summed at the selected LD output pin where Write Channel 1 can contribute a minimum 325 mA maximum output current, and Write Channel 2 and Write Channel 3 can contribute a minimum of 250 mA and 150 mA, respectively. The level of the output current is set by an external resistor, which converts this voltage into a current at the xSET pin.



FEATURES

  Dual-current controlled output current sources with 4 input channels

  TTL selectable output

  Stable on-chip oscillators with independent frequency and amplitude control

  TTL or LVDS selectable write channel enables

  Independent TTL oscillator enable

  150 mA minimum output current for Read Channel

  325 mA minimum output current for Write Channel 1

  250 mA minimum output current for Write Channel 2

  150 mA minimum output current for Write Channel 3

  Rise time/fall time of ≤0.8 ns

  Low output overshoot

  Low power consumption

  Single 5 V power supply (±10%)



APPLICATIONS

  DVD-R, DVD+R, DVD-RW, DVD+RW, DVD-RAM supercombo drives

  MO drives

  Laser diode current switching



 




Similar Part No. - AD9664

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9660 AD-AD9660 Datasheet
256Kb / 12P
200 MHz Laser Diode Driver with Light Power Control
REV.0
AD96606 AD-AD96606 Datasheet
183Kb / 12P
200 MHz Laser Diode Driver with Light Power Control
REV.0
AD96606 AD-AD96606_15 Datasheet
190Kb / 12P
200 MHz Laser Diode Driver with Light Power Control
REV. 0
AD9660KR AD-AD9660KR Datasheet
256Kb / 12P
200 MHz Laser Diode Driver with Light Power Control
REV.0
AD9660KR AD-AD9660KR Datasheet
183Kb / 12P
200 MHz Laser Diode Driver with Light Power Control
REV.0
More results


Similar Description - AD9664

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL6255C ELANTEC-EL6255C Datasheet
133Kb / 2P
4-Channel Laser Diode Driver Oscillator
EL6257C ELANTEC-EL6257C Datasheet
134Kb / 2P
4-Channel Laser Diode Driver Oscillator
EL6275C ELANTEC-EL6275C Datasheet
136Kb / 2P
4-Channel Laser Diode Driver Oscillator
logo
National Semiconductor ...
LMH6533 NSC-LMH6533 Datasheet
262Kb / 11P
Four - Channel Laser Diode Driver with Dual Output, LVDS Interface and HFM Oscillator
logo
Intersil Corporation
EL6833 INTERSIL-EL6833 Datasheet
97Kb / 2P
Dual 4-Channel Driver with Oscillator & LVDS
July 15, 2004
EL6835 INTERSIL-EL6835 Datasheet
107Kb / 2P
Dual 4-Channel Driver with Oscillator & LVDS
July 1, 2003
EL6119 INTERSIL-EL6119 Datasheet
23Kb / 2P
Dual 4-Channel Laser Diode Driver Oscillator
June 15, 2004
EL6146 INTERSIL-EL6146 Datasheet
23Kb / 2P
4-Channel Laser Diode Driver Oscillator
June 15, 2004
EL6834 INTERSIL-EL6834 Datasheet
106Kb / 2P
Dual 4-Channel Driver with Oscillator & LVDS
July 15, 2004
logo
Analog Devices
AD9665ACPZ-REEL7 AD-AD9665ACPZ-REEL7 Datasheet
447Kb / 17P
4-Channel, LVDS, Dual-Output, Laser Diode Driver with Oscillator
Rev. E
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com