Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9660 Datasheet (PDF) - Analog Devices

AD9660 Datasheet PDF - Analog Devices
Part # AD9660
Download  AD9660 Download
File Size   256.11 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 200 MHz Laser Diode Driver with Light Power Control

AD9660 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9660 Datasheet PDF - Analog Devices

Part # AD9660
Download  AD9660 Click to download

File Size   256.11 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 200 MHz Laser Diode Driver with Light Power Control

AD9660 Datasheet (HTML) - Analog Devices


AD9660 Product details

GENERAL DESCRIPTION
The AD9660 is a highly integrated driver for laser diode applications such as optical disk drives, printers, and copiers. The AD9660 gets feedback from an external photo detector and includes two analog feedback loops to allow users to set “bias” and “write” (for optical disk drives) power levels of the laser, and switch between the two power levels at up to 200 MHz. Output rise and fall times are typically 1.5 ns and 2.0 ns to complement printer applications that use image enhancing techniques such as pulse width modulation to achieve gray scale, and allow disk drive applications to improve density and take advantage of pulsed write formats. Control signals are TTL/ CMOS compatible.

FEATURES
    1.5 ns Rise/2.0 ns Fall Times
    Output Current: 180 mA @ 3 V, 200 mA @ 2.5 V
        Bias Current: 90 mA @ 3 V
        Modulation Current: 60 mA @ 3 V
        Offset Current: 30 mA @ 3 V
    Single +5 V Power Supply
    Switching Rate: 200 MHz
    Onboard Light Power Control Loops

APPLICATIONS
    Laser Printers and Copiers
    Optical Disk Drives
    FO Datacomm




Similar Part No. - AD9660

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD96606 AD-AD96606 Datasheet
183Kb / 12P
200 MHz Laser Diode Driver with Light Power Control
REV.0
AD96606 AD-AD96606_15 Datasheet
190Kb / 12P
200 MHz Laser Diode Driver with Light Power Control
REV. 0
AD9660KR AD-AD9660KR Datasheet
183Kb / 12P
200 MHz Laser Diode Driver with Light Power Control
REV.0
AD9660KR-REEL AD-AD9660KR-REEL Datasheet
183Kb / 12P
200 MHz Laser Diode Driver with Light Power Control
REV.0
More results


Similar Description - AD9660

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9661A AD-AD9661A Datasheet
174Kb / 12P
Laser Diode Driver with Light Power Control
REV.0
logo
Vitesse Semiconductor C...
VSC7940 VITESSE-VSC7940 Datasheet
167Kb / 16P
SONET/SDH 3.125Gb/s Laser Diode Driver with Automatic Power Control
VSC7938 VITESSE-VSC7938 Datasheet
213Kb / 16P
Laser Diode Driver with Automatic Power Control
VSC7939 VITESSE-VSC7939 Datasheet
226Kb / 18P
Laser Diode Driver with Automatic Power Control
logo
Analog Devices
AD96606 AD-AD96606 Datasheet
183Kb / 12P
200 MHz Laser Diode Driver with Light Power Control
REV.0
logo
List of Unclassifed Man...
I7032 ETC2-I7032 Datasheet
495Kb / 14P
200 Mbps Laser-Diode Driver
logo
Analog Devices
AD9661A AD-AD9661A_15 Datasheet
626Kb / 12P
Laser Diode Driver with Light Power Control
REV. 0
AD96606 AD-AD96606_15 Datasheet
190Kb / 12P
200 MHz Laser Diode Driver with Light Power Control
REV. 0
logo
Intersil Corporation
ISL58781 INTERSIL-ISL58781 Datasheet
404Kb / 15P
Laser Diode Driver with Serial Control and Write Current DAC
December 3, 2015
logo
Renesas Technology Corp
ISL58792 RENESAS-ISL58792 Datasheet
788Kb / 16P
Laser Diode Driver with Serial Control and Write Current DAC
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com