Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7940 Datasheet (PDF) - Vitesse Semiconductor Corporation

VSC7940 Datasheet PDF - Vitesse Semiconductor Corporation
Part # VSC7940
Download  VSC7940 Download
File Size   167.97 Kbytes
Page   16 Pages
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation
Description SONET/SDH 3.125Gb/s Laser Diode Driver with Automatic Power Control

VSC7940 Datasheet (PDF)

Go To PDF Page Download Datasheet
VSC7940 Datasheet PDF - Vitesse Semiconductor Corporation

Part # VSC7940
Download  VSC7940 Click to download

File Size   167.97 Kbytes
Page   16 Pages
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation
Description SONET/SDH 3.125Gb/s Laser Diode Driver with Automatic Power Control

VSC7940 Datasheet (HTML) - Vitesse Semiconductor Corporation


VSC7940 Product details

General Description
The VSC7940 is a single 5V supply laser diode driver specially designed for SONET/SDH applications up to 3.125Gb/s. External resistors set a wide range of bias and modulation currents for driving the laser. Data and clock inputs accept differential PECL signals. The Automatic Power Control (APC) loop maintains a constant average optical power over temperature and lifetime. The dominant pole of the APC loop can be controlled with an external capacitor. Other features include enable/disable control, programmable slow-start circuit to set laser turn-on delay, and failure-monitor output to indicate when the APC loop is unable to maintain the average optical power. The VSC7940 is available in die form or in a 32-pin TQFP package.
   
Features
• Power Supply: 5V ±5%
• DC-Coupled to Laser Diode
• Programmable Modulation Current: 5mA to 100mA
• Programmable Bias Current: 1mA to 100mA
• Enable/Disable Control
• Automatic Optical Average Power Control
• Modulation and Bias Current Monitors
   
Applications
• SONET/SDH at 622Mb/s, 1.244Gb/s,
    2.488Gb/s, 3.125Gb/s
• Full-Speed Fibre Channel (1.062Gb/s)
   




Similar Part No. - VSC7940

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7902 VITESSE-VSC7902 Datasheet
99Kb / 4P
SONET/SDH Transimpedance Amplifier
VSC7902B VITESSE-VSC7902B Datasheet
99Kb / 4P
SONET/SDH Transimpedance Amplifier
VSC7902X VITESSE-VSC7902X Datasheet
99Kb / 4P
SONET/SDH Transimpedance Amplifier
VSC7923 VITESSE-VSC7923 Datasheet
126Kb / 14P
SONET/SDH 2.5Gb/s Laser Diode Driver
VSC7923CA VITESSE-VSC7923CA Datasheet
126Kb / 14P
SONET/SDH 2.5Gb/s Laser Diode Driver
More results


Similar Description - VSC7940

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3667 MAXIM-MAX3667 Datasheet
138Kb / 12P
3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
19-1311; Rev 1; 3/98
MAX3668 MAXIM-MAX3668 Datasheet
435Kb / 12P
3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
19-4799; Rev 2; 2/00
MAX3867 MAXIM-MAX3867 Datasheet
193Kb / 12P
3.3V, 2.5Gbps SDH/SONET Laser Driver with Automatic Power Control
19-4769; Rev 0a; 9/98
logo
Vitesse Semiconductor C...
VSC7927 VITESSE-VSC7927 Datasheet
124Kb / 12P
SONET/SDH 2.5Gb/s Laser Diode Driver
VSC7924 VITESSE-VSC7924 Datasheet
110Kb / 12P
SONET/SDH 2.5Gb/s Laser Diode Driver
VSC7925 VITESSE-VSC7925 Datasheet
106Kb / 10P
SONET/SDH 2.5Gb/s Laser Diode Driver
logo
Micrel Semiconductor
SY88952L MICREL-SY88952L Datasheet
60Kb / 7P
3.3V, 2.7Gbps SDH/SONET LASER DRIVER WITH AUTOMATIC POWER CONTROL
logo
Vitesse Semiconductor C...
VSC7923 VITESSE-VSC7923 Datasheet
126Kb / 14P
SONET/SDH 2.5Gb/s Laser Diode Driver
logo
Maxim Integrated Produc...
MAX3668 MAXIM-MAX3668_05 Datasheet
871Kb / 12P
3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
Rev 4; 2/05
MAX3667 MAXIM-MAX3667_V01 Datasheet
644Kb / 12P
3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
2003
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com