Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7940 Datasheet(PDF) 7 Page - Vitesse Semiconductor Corporation

Part # VSC7940
Description  SONET/SDH 3.125Gb/s Laser Diode Driver with Automatic Power Control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7940 Datasheet(HTML) 7 Page - Vitesse Semiconductor Corporation

Back Button VSC7940 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC7940 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC7940 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7940 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7940 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7940 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7940 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC7940 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC7940 Datasheet HTML 11Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Preliminary Data Sheet
VSC7940
SONET/SDH 3.125Gb/s
Laser Diode Driver with Automatic Power Control
G52357-0, Rev 3.2
Page 7
05/11/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Table 5: Pin Identifications
Pin Name
Pin Number
Description
GND
10, 15, 22,
23, 27
Ground
VCC
1, 4, 7, 16, 18,
21, 25, 32
Power Supply
DATA+
2
Positive Data Input (PECL)
DATA-
3
Negative Data Input (PECL)
CLK+
5
Positive Clock Input (PECL). Connect to VCC if LATCH function is not used.
CLK-
6
Negative Clock Input (PECL). Leave unconnected if LATCH function is not used.
LATCH
8
Latch Input (TTL/CMOS). Connect to VCC for data retiming and GND for direct data.
ENABLE
9
Enable Input (TTL/CMOS). If used, connect DISABLE to GND. Connect to VCC for
normal operation and GND to disable laser bias and modulation currents.
DISABLE
10
Disable Input (TTL/CMOS). If used, leave ENABLE pin floating. Connect to GND for
normal operation and VCC to disable laser bias and modulation currents.
BIASMON
11
Bias Current Monitor. Sink current source that is proportional to the laser bias current.
MODMON
12
Modulation Current Monitor. Sink current source that is proportional to the laser
modulation current.
FAIL
13
Output (TTL/CMOS). When low, indicates APC failure.
APCFILT
14
No effect on device operation.
BIAS
17
Laser Bias Current Output
OUT+
19
Positive Modulation-Current Output. IMOD flows when input data is high.
OUT-
20
Negative Modulation-Current Output. IMOD flows when input data is low.
MD
24
Monitor Diode Input. Connect to monitor photodiode anode. Connect capacitor to GND to
filter high-speed AC monitor photocurrent.
CAPC
26
Capacitor to GND sets dominant pole of the APC feedback loop.
RESERVED
28
Do not connect.
APCSET
29
Resistor to GND sets desired average optical power. If APC is not used, connect 100k
Ω
resistor to GND.
MODSET
30
Connect resistor to GND to set desired modulation current.
BIASMAX
31
Connect resistor to GND to set maximum bias current. The APC function can subtract from
this value, but cannot add to it.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com