Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7940 Datasheet(PDF) 13 Page - Vitesse Semiconductor Corporation

Part # VSC7940
Description  SONET/SDH 3.125Gb/s Laser Diode Driver with Automatic Power Control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7940 Datasheet(HTML) 13 Page - Vitesse Semiconductor Corporation

Back Button VSC7940 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7940 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC7940 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC7940 Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC7940 Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC7940 Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC7940 Datasheet HTML 14Page - Vitesse Semiconductor Corporation VSC7940 Datasheet HTML 15Page - Vitesse Semiconductor Corporation VSC7940 Datasheet HTML 16Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Preliminary Data Sheet
VSC7940
SONET/SDH 3.125Gb/s
Laser Diode Driver with Automatic Power Control
G52357-0, Rev 3.2
Page 13
05/11/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Select Resistors for MODMON and BIASMON
Assuming the modulation and bias currents never exceed 120mA, the following equations provide values
for the resistor at MODMON, RMODMON, and the resistor at BIASMON, RBIASMON:
RMODMON = 1V * 28 / 120mA = 233Ω
RBIASMON = 1.6V * 35 / 120mA = 467Ω
Standard values for these values are RMODMON = 232Ω and RBIASMON = 464Ω. A voltage of 4.8V at
MODMON would indicate a modulation current of:
IMOD = (5.2V - 4.8V) * 28 / 232mA = 48mA
Wire Bonding
For best performance, gold ball-bonding techniques are recommended. Wedge bonding is not recom-
mended. For best performance and to minimize inductance keep wire bond lengths short.
PCB Layout Guidelines
Use high frequency PCB layout techniques with solid ground planes to minimize crosstalk and EMI. Keep
high speed traces as short as possible for signal integrity. The output traces to the laser diode must be short to
minimize inductance. Short output traces will provide best performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com