Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7939 Datasheet (PDF) - Vitesse Semiconductor Corporation

VSC7939 Datasheet PDF - Vitesse Semiconductor Corporation
Part # VSC7939
Download  VSC7939 Download
File Size   226.44 Kbytes
Page   18 Pages
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation
Description Laser Diode Driver with Automatic Power Control

VSC7939 Datasheet (PDF)

Go To PDF Page Download Datasheet
VSC7939 Datasheet PDF - Vitesse Semiconductor Corporation

Part # VSC7939
Download  VSC7939 Click to download

File Size   226.44 Kbytes
Page   18 Pages
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation
Description Laser Diode Driver with Automatic Power Control

VSC7939 Datasheet (HTML) - Vitesse Semiconductor Corporation


VSC7939 Product details

General Description
The VSC7939 is a single 3.3V or 5V supply laser diode driver specially designed for SONET/SDH applications up to 3.125Gb/s. External resistors set a wide range of bias and modulation currents for driving the laser.
   
Features
• Power Supply: 3.3V or 5V ±5%
• AC-Coupled to Laser Diode
• Programmable Modulation Current: 5mA to 60mA
• Programmable Bias Current: 1mA to 100mA
• Enable /Disable Control
• Typical Rise/Fall Times of 60ps
• Automatic Optical Average Power Control
• Supply Current of 33mA at 3.3V
   
Applications
• SONET/SDH at 622Mb/s, 1.244Gb/s,
    2.488Gb/s, 3.125Gb/s
• Full-Speed Fibre Channel (1.062Gb/s)
   




Similar Part No. - VSC7939

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7937 VITESSE-VSC7937 Datasheet
153Kb / 14P
Single Supply 2.5Gb/s Voltage Driver
VSC7937KJ VITESSE-VSC7937KJ Datasheet
153Kb / 14P
Single Supply 2.5Gb/s Voltage Driver
VSC7937KJL VITESSE-VSC7937KJL Datasheet
153Kb / 14P
Single Supply 2.5Gb/s Voltage Driver
VSC7937KJRL VITESSE-VSC7937KJRL Datasheet
153Kb / 14P
Single Supply 2.5Gb/s Voltage Driver
VSC7937RA VITESSE-VSC7937RA Datasheet
153Kb / 14P
Single Supply 2.5Gb/s Voltage Driver
More results


Similar Description - VSC7939

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9661A AD-AD9661A Datasheet
174Kb / 12P
Laser Diode Driver with Light Power Control
REV.0
logo
Maxim Integrated Produc...
MAX3667 MAXIM-MAX3667 Datasheet
138Kb / 12P
3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
19-1311; Rev 1; 3/98
MAX3668 MAXIM-MAX3668 Datasheet
435Kb / 12P
3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
19-4799; Rev 2; 2/00
MAX3865 MAXIM-MAX3865 Datasheet
633Kb / 16P
2.5Gbps Laser Driver with Automatic Modulation Control
19-2247; Rev 1; 4/02
MAX3867 MAXIM-MAX3867 Datasheet
193Kb / 12P
3.3V, 2.5Gbps SDH/SONET Laser Driver with Automatic Power Control
19-4769; Rev 0a; 9/98
logo
Vitesse Semiconductor C...
VSC7940 VITESSE-VSC7940 Datasheet
167Kb / 16P
SONET/SDH 3.125Gb/s Laser Diode Driver with Automatic Power Control
VSC7938 VITESSE-VSC7938 Datasheet
213Kb / 16P
Laser Diode Driver with Automatic Power Control
logo
Micrel Semiconductor
SY88952L MICREL-SY88952L Datasheet
60Kb / 7P
3.3V, 2.7Gbps SDH/SONET LASER DRIVER WITH AUTOMATIC POWER CONTROL
logo
Maxim Integrated Produc...
MAX3668 MAXIM-MAX3668_05 Datasheet
871Kb / 12P
3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
Rev 4; 2/05
logo
Analog Devices
AD9661A AD-AD9661A_15 Datasheet
626Kb / 12P
Laser Diode Driver with Light Power Control
REV. 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com