Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7937KJL Datasheet (PDF) - Vitesse Semiconductor Corporation

VSC7937KJL Datasheet PDF - Vitesse Semiconductor Corporation
Part # VSC7937KJL
Download  VSC7937KJL Download
File Size   153.48 Kbytes
Page   14 Pages
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation
Description Single Supply 2.5Gb/s Voltage Driver

VSC7937KJL Datasheet (PDF)

Go To PDF Page Download Datasheet
VSC7937KJL Datasheet PDF - Vitesse Semiconductor Corporation

Part # VSC7937KJL
Download  VSC7937KJL Click to download

File Size   153.48 Kbytes
Page   14 Pages
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation
Description Single Supply 2.5Gb/s Voltage Driver

VSC7937KJL Datasheet (HTML) - Vitesse Semiconductor Corporation


VSC7937KJL Product details

General Description
The VSC7937 is a single -5.2V supply, 2.5Gb/s voltage driver with direct access to the output modulation and bias FETs. The output stage can drive 60mA into 50Ω with adequate output voltage compliance. Output bias and modulation currents are set by external components allowing precision monitoring and setting of the output voltage levels.
   
Features
• Typical Rise Times of 100ps
• High-Speed Operation
    (Up to 2.5Gb/s NRZ Data)
• 3V Output Voltage Compliance
• Single-Ended or Differential Input Operation
• Single Power Supply: +5V or -5.2V
• Direct Access to Modulation and Bias FETs
• On-Die MUX for Clocked or Unclocked
    Applications
• On-Chip 50Ω Input Clock and Data Termination
   
Applications
• SONET/SDH @ 622Mb/s, 1.244Gb/s, 2.488Gb/s
• Full-Speed Fibre Channel (1.062Gb/s)
   




Similar Part No. - VSC7937KJL

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7938 VITESSE-VSC7938 Datasheet
213Kb / 16P
Laser Diode Driver with Automatic Power Control
VSC7938R0 VITESSE-VSC7938R0 Datasheet
213Kb / 16P
Laser Diode Driver with Automatic Power Control
VSC7938W VITESSE-VSC7938W Datasheet
213Kb / 16P
Laser Diode Driver with Automatic Power Control
VSC7939 VITESSE-VSC7939 Datasheet
226Kb / 18P
Laser Diode Driver with Automatic Power Control
VSC7939RP VITESSE-VSC7939RP Datasheet
226Kb / 18P
Laser Diode Driver with Automatic Power Control
More results


Similar Description - VSC7937KJL

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
ML0131 MITSUBISHI-ML0131 Datasheet
133Kb / 2P
FOR OPTICAL TRANSMITTER(2.5Gb/s LASER DRIVER)
logo
Vitesse Semiconductor C...
VSC7927 VITESSE-VSC7927 Datasheet
124Kb / 12P
SONET/SDH 2.5Gb/s Laser Diode Driver
VSC7146 VITESSE-VSC7146 Datasheet
251Kb / 19P
2.5Gb/s, 20-Bit Transceiver
VSC8061FI VITESSE-VSC8061FI Datasheet
684Kb / 20P
2.5Gb/s 16-Bit Multiplexer/Demultiplexer Chipset
VSC7924 VITESSE-VSC7924 Datasheet
110Kb / 12P
SONET/SDH 2.5Gb/s Laser Diode Driver
VSC7925 VITESSE-VSC7925 Datasheet
106Kb / 10P
SONET/SDH 2.5Gb/s Laser Diode Driver
logo
ANADIGICS, Inc
ATA7550 ANADIGICS-ATA7550 Datasheet
217Kb / 12P
5.0V 2.5Gb/s TIA
Rev 0
logo
Vitesse Semiconductor C...
VSC7923 VITESSE-VSC7923 Datasheet
126Kb / 14P
SONET/SDH 2.5Gb/s Laser Diode Driver
logo
Bookham, Inc.
ATM2400C BOOKHAM-ATM2400C Datasheet
438Kb / 5P
2.5Gb/s APD preamp Mini-DIL receiver
logo
Source Photonics, Inc.
SPL-34-MR-IR1-XDFQ SOURCE-SPL-34-MR-IR1-XDFQ Datasheet
256Kb / 9P
614.4M - 2.5Gb/s bi-directional data links
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com