Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9661A Datasheet (PDF) - Analog Devices

AD9661A Datasheet PDF - Analog Devices
Part # AD9661A
Download  AD9661A Download
File Size   174.93 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Laser Diode Driver with Light Power Control

AD9661A Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9661A Datasheet PDF - Analog Devices

Part # AD9661A
Download  AD9661A Click to download

File Size   174.93 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Laser Diode Driver with Light Power Control

AD9661A Datasheet (HTML) - Analog Devices


AD9661A Product details

GENERAL DESCRIPTION
The AD9661A is a highly integrated driver for laser diode applications such as printers and copiers. The AD9661A gets feedback from an external photo detector and includes an analog feedback loop to allow users to set the power level of the laser, and switch the laser on and off at up to 100 MHz. Output rise and fall times are 2 ns to complement printer applications that use image enhancing techniques such as pulse width modulation to achieve gray scale and resolution enhancement. Control signals are TTL/CMOS compatible.

FEATURES
   < 2 ns Rise/Fall Times
   Output Current: 120 mA
   Single +5 V Power Supply
   Switching Rate: 200 MHz typ
   Onboard Light Power Control Loop

APPLICATIONS
   Laser Printers and Copiers




Similar Part No. - AD9661A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9661A AD-AD9661A_15 Datasheet
626Kb / 12P
Laser Diode Driver with Light Power Control
REV. 0
More results


Similar Description - AD9661A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9660 AD-AD9660 Datasheet
256Kb / 12P
200 MHz Laser Diode Driver with Light Power Control
REV.0
logo
Vitesse Semiconductor C...
VSC7940 VITESSE-VSC7940 Datasheet
167Kb / 16P
SONET/SDH 3.125Gb/s Laser Diode Driver with Automatic Power Control
VSC7938 VITESSE-VSC7938 Datasheet
213Kb / 16P
Laser Diode Driver with Automatic Power Control
VSC7939 VITESSE-VSC7939 Datasheet
226Kb / 18P
Laser Diode Driver with Automatic Power Control
logo
Analog Devices
AD96606 AD-AD96606 Datasheet
183Kb / 12P
200 MHz Laser Diode Driver with Light Power Control
REV.0
AD9661A AD-AD9661A_15 Datasheet
626Kb / 12P
Laser Diode Driver with Light Power Control
REV. 0
AD96606 AD-AD96606_15 Datasheet
190Kb / 12P
200 MHz Laser Diode Driver with Light Power Control
REV. 0
logo
Intersil Corporation
ISL58781 INTERSIL-ISL58781 Datasheet
404Kb / 15P
Laser Diode Driver with Serial Control and Write Current DAC
December 3, 2015
logo
Renesas Technology Corp
ISL58792 RENESAS-ISL58792 Datasheet
788Kb / 16P
Laser Diode Driver with Serial Control and Write Current DAC
ISL58781 RENESAS-ISL58781 Datasheet
822Kb / 15P
Laser Diode Driver with Serial Control and Write Current DAC
December 3, 2015
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com