Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9661A Datasheet(PDF) 1 Page - Analog Devices

Part # AD9661A
Description  Laser Diode Driver with Light Power Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9661A Datasheet(HTML) 1 Page - Analog Devices

  AD9661A Datasheet HTML 1Page - Analog Devices AD9661A Datasheet HTML 2Page - Analog Devices AD9661A Datasheet HTML 3Page - Analog Devices AD9661A Datasheet HTML 4Page - Analog Devices AD9661A Datasheet HTML 5Page - Analog Devices AD9661A Datasheet HTML 6Page - Analog Devices AD9661A Datasheet HTML 7Page - Analog Devices AD9661A Datasheet HTML 8Page - Analog Devices AD9661A Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
Laser Diode Driver
with Light Power Control
AD9661A
© Analog Devices, Inc., 1995
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
FEATURES
< 2 ns Rise/Fall Times
Output Current: 120 mA
Single +5 V Power Supply
Switching Rate: 200 MHz typ
Onboard Light Power Control Loop
APPLICATIONS
Laser Printers and Copiers
and fall times are 2 ns to complement printer applications that
use image enhancing techniques such as pulse width modula-
tion to achieve gray scale and resolution enhancement. Control
signals are TTL/CMOS compatible.
The driver output provides up to 120 mA of current into an
infrared N type laser, and the onboard disable circuit turns off
the output driver and returns the light power control loop to a
safe state.
The AD9661A can also be used in closed-loop applications in
which the output power level follows an analog POWER LEVEL
voltage input. By optimizing the external hold capacitor and
the photo detector, the loop can achieve bandwidths as high as
25 MHz.
The AD9661A is offered in a 28-pin plastic SOIC for
operation over the commercial temperature range (0
°C to
+70
°C).
GENERAL DESCRIPTION
The AD9661A is a highly integrated driver for laser diode appli-
cations such as printers and copiers. The AD9661A gets feed-
back from an external photo detector and includes an analog
feedback loop to allow users to set the power level of the laser,
and switch the laser on and off at up to 100 MHz. Output rise
FUNCTIONAL BLOCK DIAGRAM
PULSE2
DISABLE
CIRCUIT
DELAY
TTL
TTL
TTL
TTL
DISABLE
PULSE
DAC
CGAIN
ANALOG
POWER
LEVEL
LEVEL
SHIFT OUT
LEVEL
SHIFT IN
50
Ω
REF
5pF
*
*13ns DELAY ON RISING
EDGE; 0ns ON FALLING
1:10
3–120mA
IOUT
VOLT
REF
1:1
HOLD
VREF
LASER
DIODE
+5V
PHOTO
DETECTOR
VREF
IMONITOR
ANALOG
POWER
MONITOR
RGAIN
GAIN
0–1.6V
CAL
VLEVEL SHIFT IN + VREF
SENSE IN
1.0V
8
IMONITOR
V1
OUTPUT
LEVEL
SHIFT
CIRCUIT
AD9661A


Similar Part No. - AD9661A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9661A AD-AD9661A_15 Datasheet
626Kb / 12P
Laser Diode Driver with Light Power Control
REV. 0
More results

Similar Description - AD9661A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9660 AD-AD9660 Datasheet
256Kb / 12P
200 MHz Laser Diode Driver with Light Power Control
REV.0
logo
Vitesse Semiconductor C...
VSC7940 VITESSE-VSC7940 Datasheet
167Kb / 16P
SONET/SDH 3.125Gb/s Laser Diode Driver with Automatic Power Control
VSC7938 VITESSE-VSC7938 Datasheet
213Kb / 16P
Laser Diode Driver with Automatic Power Control
VSC7939 VITESSE-VSC7939 Datasheet
226Kb / 18P
Laser Diode Driver with Automatic Power Control
logo
Analog Devices
AD96606 AD-AD96606 Datasheet
183Kb / 12P
200 MHz Laser Diode Driver with Light Power Control
REV.0
AD9661A AD-AD9661A_15 Datasheet
626Kb / 12P
Laser Diode Driver with Light Power Control
REV. 0
AD96606 AD-AD96606_15 Datasheet
190Kb / 12P
200 MHz Laser Diode Driver with Light Power Control
REV. 0
logo
Intersil Corporation
ISL58781 INTERSIL-ISL58781 Datasheet
404Kb / 15P
Laser Diode Driver with Serial Control and Write Current DAC
December 3, 2015
logo
Renesas Technology Corp
ISL58792 RENESAS-ISL58792 Datasheet
788Kb / 16P
Laser Diode Driver with Serial Control and Write Current DAC
ISL58781 RENESAS-ISL58781 Datasheet
822Kb / 15P
Laser Diode Driver with Serial Control and Write Current DAC
December 3, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com