Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

I7032 Datasheet (PDF) - List of Unclassifed Manufacturers

I7032 Datasheet PDF - List of Unclassifed Manufacturers
Part # I7032
Download  I7032 Download
File Size   495.26 Kbytes
Page   14 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description 200 Mbps Laser-Diode Driver

I7032 Datasheet (PDF)

Go To PDF Page Download Datasheet
I7032 Datasheet PDF - List of Unclassifed Manufacturers

Part # I7032
Download  I7032 Click to download

File Size   495.26 Kbytes
Page   14 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description 200 Mbps Laser-Diode Driver

I7032 Datasheet (HTML) - List of Unclassifed Manufacturers


I7032 Product details

[iCREATE]



General description

The i7032 is the 3.3V to5V, 200Mbps laser-diode driver with automatic power control (APC). Bothaccept differential PECL inputs and provide complementary output currents. A temperature-compensated reference voltage is provided for laser biasand modulation current programming. This allows maximum 80mA to be programmed for bias and modulation current with two external resistors.



Features

— Rise / fall time less than 1 ns.

— Maximum 80mA bias current.

— Maximum 80mA modulation current.

— Differential PECL inputs.

— Automatic Power Control (APC).

— +3.3V to +5V supply voltage.

— On chip temperature-compensated reference voltage.

— Wide operation temperature range: -40℃~ +85℃.

— Integrated soft-start circuit.

— On chip temperature-compensated modulation current.



Applications

— 155Mbps SDH/SONET

— Laser-Diode Transmitters



 




Similar Part No. - I7032

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
I705X TMT-I705X Datasheet
77Kb / 1P
General description
I7070 TMT-I7070 Datasheet
68Kb / 1P
General Description
I709X TMT-I709X Datasheet
77Kb / 1P
General Description
More results


Similar Description - I7032

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66510P MITSUBISHI-M66510P Datasheet
224Kb / 10P
LASER-DIODE DRIVER
M66512P MITSUBISHI-M66512P Datasheet
143Kb / 10P
LASER-DIODE DRIVER
logo
Analog Devices
ADN2841 AD-ADN2841 Datasheet
276Kb / 12P
Dual-Loop 50 Mbps.2.7 Gbps Laser Diode Driver
REV.0
AD96606 AD-AD96606 Datasheet
183Kb / 12P
200 MHz Laser Diode Driver with Light Power Control
REV.0
logo
Roithner LaserTechnik G...
EU-38-PD ROITHNER-EU-38-PD Datasheet
95Kb / 2P
Laser Diode Driver
logo
IC-Haus GmbH
WJZMSOP8 ICHAUS-WJZMSOP8 Datasheet
577Kb / 12P
LASER DIODE DRIVER
WJZSO8 ICHAUS-WJZSO8 Datasheet
577Kb / 12P
LASER DIODE DRIVER
logo
Analog Devices
ADN2841 AD-ADN2841_15 Datasheet
346Kb / 16P
Dual-Loop, 50 Mbps to 2.7 Gbps Laser Diode Driver
REV. B
logo
ELM Electronics
ELM185 ELM-ELM185 Datasheet
919Kb / 10P
Laser Diode Driver
logo
ELM Technology Corporat...
ELM185 ELM-TECH-ELM185 Datasheet
819Kb / 10P
Laser Diode Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com