Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2841 Datasheet (PDF) - Analog Devices

ADN2841 Datasheet PDF - Analog Devices
Part # ADN2841
Download  ADN2841 Download
File Size   276.18 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual-Loop 50 Mbps.2.7 Gbps Laser Diode Driver

ADN2841 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADN2841 Datasheet PDF - Analog Devices

Part # ADN2841
Download  ADN2841 Click to download

File Size   276.18 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual-Loop 50 Mbps.2.7 Gbps Laser Diode Driver

ADN2841 Datasheet (HTML) - Analog Devices


ADN2841 Product details

GENERAL DESCRIPTION
The ADN2841 uses a unique control algorithm to control both average power and extinction ratio of the laser diode (LD) after initial factory set up. External component count and PCB area are low as both power and extinction ratio control are fully integrated. Programmable alarms are provided for laser fail (end of life) and laser degrade (impending fail). The ADN2841 has circuitry for a second monitor photodiode which enables DWDM wavelength control.

FEATURES
   50 Mbps to 2.7 Gbps Operation
   Typical Rise/Fall Time 80 ps
   Bias Current Range 2 to 100 mA
   Modulation Current Range 5 to 80 mA
   Monitor Photodiode Current 50 μA to 1200 μA
   Closed-Loop Control of Power and Extinction Ratio
   Laser Fail and Laser Degrade Alarms
   Automatic Laser Shutdown, ALS
   Dual MPD Functionality for DWDM
   Optional Clocked Data
   Full Current Parameter Monitoring
   5 V Operation
   48-Lead LFCSP Package
   32-Lead LFCSP Package (Reduced Functionality)

APPLICATIONS
   DWDM Dual MPD Wavelength Fixing
   SONET OC-1/3/12/48
   SDH STM-1/4/16
   Fiber Channel
   Gigabit Ethernet




Similar Part No. - ADN2841

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2841 AD-ADN2841_15 Datasheet
346Kb / 16P
Dual-Loop, 50 Mbps to 2.7 Gbps Laser Diode Driver
REV. B
More results


Similar Description - ADN2841

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2847 AD-ADN2847 Datasheet
1Mb / 12P
3 V Dual-Loop 50 Mbps to 3.3 Gbps Laser Diode Driver
REV.0
ADN2870 AD-ADN2870 Datasheet
764Kb / 20P
3.3 V Dual-Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver
8/04-Revision 0
ADN2848 AD-ADN2848 Datasheet
254Kb / 12P
3 V Dual-Loop 50 Mbps to 1.25 Gbps Laser Diode Driver
REV.0
ADN2873 AD-ADN2873 Datasheet
625Kb / 20P
3.3 V, 50 Mbps to 4.25 Gbps, Single-Loop, Laser Diode Driver
REV. 0
ADN2872 AD-ADN2872 Datasheet
588Kb / 20P
3.3 V Dual-Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. 0
ADN2841 AD-ADN2841_15 Datasheet
346Kb / 16P
Dual-Loop, 50 Mbps to 2.7 Gbps Laser Diode Driver
REV. B
ADN2847 AD-ADN2847_15 Datasheet
502Kb / 16P
3.3 V Dual-Loop 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. B
ADN2848 AD-ADN2848_15 Datasheet
347Kb / 12P
3.3 V Dual-Loop 50 Mbps to 1.25 Gbps Laser Diode Driver
REV. B
ADN2870 AD-ADN2870_15 Datasheet
705Kb / 20P
3.3 V Dual-Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. A
ADN2871 AD-ADN2871_15 Datasheet
768Kb / 20P
3.3 V, 50 Mbps to 4.25 Gbps, Single-Loop, Laser Diode Driver
REV. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com