Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADD8707 Datasheet (PDF) - Analog Devices

ADD8707 Datasheet PDF - Analog Devices
Part # ADD8707
Download  ADD8707 Download
File Size   654.7 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 12-Channel Gamma Buffers with VCOM and Regulator

ADD8707 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADD8707 Datasheet PDF - Analog Devices

Part # ADD8707
Download  ADD8707 Click to download

File Size   654.7 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 12-Channel Gamma Buffers with VCOM and Regulator

ADD8707 Datasheet (HTML) - Analog Devices


ADD8707 Product details

PRODUCT OVERVIEW
The ADD8707 is a 12-channel integrated gamma reference with VCOM for use in LCD TV and monitor panels. The output buffers feature high current drive and low offset voltage to provide an accurate and stable gamma curve. The top six channels swing to VDD and the lower six channels swing to GND.

FEATURES
   12 precision gamma reference outputs
   Mask-programmable gamma resistors:
      0.2% resolution and 0.1% accuracy
   Mask programmable voltage regulator: 0.4% accuracy
   Upper 6 buffers swing to VDD
   Lower 6 buffers swing to GND
   Single-supply operation: 7.5 V to 16 V
   Gamma current drive: 15 mA per channel
   VCOM peak output current: 250 mA
   Outputs stable under load conditions
   48-lead, Pb-free LFCSP package

APPLICATIONS
   LCD TV panels
   LCD monitor panels




Similar Part No. - ADD8707

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADD8707 AD-ADD8707 Datasheet
661Kb / 20P
12-Channel Gamma Buffers with VCOM and Regulator
REV. A
ADD8707 AD-ADD8707_15 Datasheet
661Kb / 20P
12-Channel Gamma Buffers with VCOM and Regulator
REV. A
More results


Similar Description - ADD8707

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADD8701 AD-ADD8701 Datasheet
289Kb / 8P
12-Channel Gamma Buffers with VCOM Buffer
REV.0
ADD8702 AD-ADD8702 Datasheet
233Kb / 8P
12-Channel Gamma Buffers with Vcom Buffer
REV.0
logo
Maxim Integrated Produc...
DS3510 MAXIM-DS3510 Datasheet
225Kb / 17P
I2C Gamma and VCOM Buffer with EEPROM
Rev 0; 2/08
DS3514 MAXIM-DS3514 Datasheet
338Kb / 21P
I2C Gamma and VCOM Buffer with EEPROM
Rev 1; 10/08
MAX9679 MAXIM-MAX9679 Datasheet
2Mb / 28P
12-Channel, 10-Bit Programmable Gamma and VCOM Reference Voltages
Rev 2; 5/13
logo
Analog Devices
ADD8701 AD-ADD8701_15 Datasheet
295Kb / 8P
12-Channel Gamma Buffers with VCOM Buffer
REV. 0
ADD8702 AD-ADD8702_15 Datasheet
237Kb / 8P
12-Channel Gamma Buffers with V Buffer
REV. 0
ADD8707 AD-ADD8707_15 Datasheet
661Kb / 20P
12-Channel Gamma Buffers with VCOM and Regulator
REV. A
logo
Lowpower Semiconductor ...
LP6299 POWER-LP6299 Datasheet
687Kb / 11P
Programmable Gamma and VCOM Buffers
logo
Maxim Integrated Produc...
MAX9679B MAXIM-MAX9679B Datasheet
2Mb / 27P
12-Channel, 10-Bit Programmable Gamma and VCOM Reference Voltages
19-6378; Rev 0; 8/12
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com