Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADD8702 Datasheet (PDF) - Analog Devices

ADD8702 Datasheet PDF - Analog Devices
Part # ADD8702
Download  ADD8702 Download
File Size   233.95 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 12-Channel Gamma Buffers with Vcom Buffer

ADD8702 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADD8702 Datasheet PDF - Analog Devices

Part # ADD8702
Download  ADD8702 Click to download

File Size   233.95 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 12-Channel Gamma Buffers with Vcom Buffer

ADD8702 Datasheet (HTML) - Analog Devices


ADD8702 Product details

GENERAL DESCRIPTION
The ADD8702 is a low cost, mask programmable, 12-channel gamma reference generator, plus an adjustable VCOM driver. This part is designed to provide gamma correction for high resolution TFT LCD panels. The 12 gamma reference levels and VCOM are mask programmable to 0.3% resolution using the on-chip 500 chain resistor string. This reduces component and board costs.

FEATURES
   Programmable 12-Channel Gamma Reference Generator
   Mask Programmable Adjustable VCOM Buffer
   Upper/Lower Outputs Swing to VDD/GND
   Continuous Output Current: 10 mA
   VCOM Peak Output Current: 250 mA
   Outputs with Fast Settling Time for Load Change
   Output Pins Are Compatible with ADD8701
   Single-Supply Operation: 7 V to 16 V
   Supply Current: 15 mA Max

APPLICATIONS
   TFT LCD Panels




Similar Part No. - ADD8702

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADD8702 AD-ADD8702_15 Datasheet
237Kb / 8P
12-Channel Gamma Buffers with V Buffer
REV. 0
More results


Similar Description - ADD8702

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADD8707 AD-ADD8707 Datasheet
654Kb / 20P
12-Channel Gamma Buffers with VCOM and Regulator
10/04-Data Sheet Changed from Rev. 0 to Rev. A
ADD8701 AD-ADD8701 Datasheet
289Kb / 8P
12-Channel Gamma Buffers with VCOM Buffer
REV.0
logo
Intersil Corporation
EL5228 INTERSIL-EL5228 Datasheet
124Kb / 3P
VCOM with Dual Gamma Buffer
March 25, 2004
logo
Maxim Integrated Produc...
DS3510 MAXIM-DS3510 Datasheet
225Kb / 17P
I2C Gamma and VCOM Buffer with EEPROM
Rev 0; 2/08
logo
Analog Devices
ADD8701 AD-ADD8701_15 Datasheet
295Kb / 8P
12-Channel Gamma Buffers with VCOM Buffer
REV. 0
ADD8702 AD-ADD8702_15 Datasheet
237Kb / 8P
12-Channel Gamma Buffers with V Buffer
REV. 0
ADD8707 AD-ADD8707_15 Datasheet
661Kb / 20P
12-Channel Gamma Buffers with VCOM and Regulator
REV. A
ADD8710 AD-ADD8710_15 Datasheet
308Kb / 12P
10-Channel Gamma Buffer with VCOM Driver
REV. B
logo
Lowpower Semiconductor ...
LP6299 POWER-LP6299 Datasheet
687Kb / 11P
Programmable Gamma and VCOM Buffers
logo
Renesas Technology Corp
EL5228 RENESAS-EL5228 Datasheet
131Kb / 3P
VCOM with Dual Gamma Buffer
March 25, 2004
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com