Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5390 Datasheet (PDF) - Analog Devices

ADL5390 Datasheet PDF - Analog Devices
Part # ADL5390
Download  ADL5390 Download
File Size   716.86 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description RF/IF Vector Multiplier

ADL5390 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADL5390 Datasheet PDF - Analog Devices

Part # ADL5390
Download  ADL5390 Click to download

File Size   716.86 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description RF/IF Vector Multiplier

ADL5390 Datasheet (HTML) - Analog Devices


ADL5390 Product details

GENERAL DESCRIPTION
The ADL5390 vector multiplier consists of a matched pair of broadband variable gain amplifiers whose outputs are summed. The separate gain controls for each amplifier are linear-inmagnitude. If the two input RF signals are in quadrature, the vector multiplier can be configured as a vector modulator or as a variable attenuator/phase shifter by using the gain control pins as Cartesian variables. In this case, the output amplitude can be controlled from a maximum of +5 dB to less than –30 dB, and the phase can be shifted continuously over the entire 360° range. Since the signal paths are linear, the original modulation on the inputs is preserved. If the two signals are independent, then the vector multiplier can function as a 2:1 multiplexer or can provide fading from one channel to another.

FEATURES
   Matched pair of multiplying VGAs
   Broad frequency range 20 MHz to 2.4 GHz
   Continuous magnitude control from +5 dB to −30 dB
   Output third-order intercept 24 dBm
   Output 1 dB compression point 11 dBm
   Output noise floor −148 dBm/Hz
   Adjustable modulation bandwidth up to 230 MHz
   Fast output power disable
   Single-supply voltage 4.75 V to 5.25 V

APPLICATIONS
   PA linearization and predistortion
   Amplitude and phase modulation
   Variable matched attenuator and/or phase shifter
   Cellular base stations
   Radio links
   Fixed wireless access
   Broadband/CATV
   RF/IF analog multiplexer




Similar Part No. - ADL5390

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5390 AD-ADL5390 Datasheet
2Mb / 20P
300 MHz to 1000 MHz Quadrature Modulator
10/06-Revision 0
ADL5390 AD-ADL5390 Datasheet
2Mb / 32P
400 MHz to 6 GHz Broadband Quadrature Modulator
REV. 0
ADL5390 AD-ADL5390 Datasheet
681Kb / 23P
RF/IF Vector Multiplier
Rev. A
ADL5390-EVALZ AD-ADL5390-EVALZ Datasheet
681Kb / 23P
RF/IF Vector Multiplier
Rev. A
ADL5390ACPZ-REEL7 AD-ADL5390ACPZ-REEL7 Datasheet
681Kb / 23P
RF/IF Vector Multiplier
Rev. A
More results


Similar Description - ADL5390

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PMB2208 INFINEON-PMB2208 Datasheet
766Kb / 27P
Mixer and IF Vector Modulator
V1.2 August 1999
logo
Zarlink Semiconductor I...
SL610 ZARLINK-SL610 Datasheet
344Kb / 7P
RF/IF AMPLIFIER
logo
General Electric Compan...
SL1610 GEC-SL1610 Datasheet
269Kb / 3P
RF/IF AMPLIFIERS
logo
Analog Devices
AD8340 AD-AD8340 Datasheet
536Kb / 20P
700 MHz to 1000 MHz RF Vector Modulator
6/04-Revision 0
logo
National Instruments Co...
PXIE-5672 NI-PXIE-5672 Datasheet
824Kb / 4P
2.7 GHz RF Vector Signal Generator
logo
Analog Devices
ADL5390 AD-ADL5390_15 Datasheet
733Kb / 24P
RF/IF Vector Multiplier
REV. 0
logo
Keysight Technologies
N9923A KEYSIGHT-N9923A Datasheet
2Mb / 18P
N9923A FieldFox RF Vector Network Analyzer
logo
TEKTRONIX, INC.
TSG4100A TEKTRONIX-TSG4100A Datasheet
1Mb / 24P
RF Vector Signal Generators
logo
Analog Devices
ADL5390 AD-ADL5390_V01 Datasheet
681Kb / 23P
RF/IF Vector Multiplier
Rev. A
logo
Fairchild Semiconductor
UA703 FAIRCHILD-UA703 Datasheet
145Kb / 3P
RF-IF AMPLIFIER
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com