Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C027 Datasheet (PDF) - Cypress Semiconductor

CY7C027 Datasheet PDF - Cypress Semiconductor
Part # CY7C027
Download  CY7C027 Download
File Size   256.62 Kbytes
Page   19 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 32K/64K x 16/18 Dual-Port Static RAM

CY7C027 Datasheet (PDF)

Go To PDF Page Download Datasheet
CY7C027 Datasheet PDF - Cypress Semiconductor

Part # CY7C027
Download  CY7C027 Click to download

File Size   256.62 Kbytes
Page   19 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 32K/64K x 16/18 Dual-Port Static RAM

CY7C027 Datasheet (HTML) - Cypress Semiconductor


CY7C027 Product details

Functional Description

The CY7C027/028 and CY7C037/038 are low-power CMOS 32K, 64K x 16/18 dual-port static RAMs. Various arbitration schemes are included on the devices to handle situations when multiple processors access the same piece of data. Two ports are provided, permitting independent, asynchronous access for reads and writes to any location in memory. The devices can be utilized as standalone 16/18-bit dual-port static RAMs or multiple devices can be combined in order to function as a 32/36-bit or wider master/slave dual-port static RAM. An M/S pin is provided for implementing 32/36-bit or wider memory applications without the need for separate master and slave devices or additional discrete logic.



Features

• True Dual-Ported memory cells which allow simulta neous access of the same memory location

• 32K x 16 organization (CY7C027)

• 64K x 16 organization (CY7C028)

• 32K x 18 organization (CY7C037)

• 64K x 18 organization (CY7C038)

• 0.35-micron CMOS for optimum speed/power

• High-speed access: 12[1]/15/20 ns

• Low operating power

— Active: ICC = 180 mA (typical)

— Standby: ISB3 = 0.05 mA (typical)

• Fully asynchronous operation

• Automatic power-down

• Expandable data bus to 32/36 bits or more using Master/Slave chip select when using more than one device

• On-chip arbitration logic

• Semaphores included to permit software handshaking between ports

• INT flags for port-to-port communication

• Separate upper-byte and lower-byte control

• Dual Chip Enables

• Pin select for Master or Slave

• Commercial and industrial temperature ranges

• Available in 100-pin TQFP

• Pb-Free packages available




Similar Part No. - CY7C027

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C027 CYPRESS-CY7C027 Datasheet
489Kb / 20P
32K/64K x 16/18 Dual-Port Static RAM
CY7C027-12AC CYPRESS-CY7C027-12AC Datasheet
489Kb / 20P
32K/64K x 16/18 Dual-Port Static RAM
CY7C027-15AC CYPRESS-CY7C027-15AC Datasheet
489Kb / 20P
32K/64K x 16/18 Dual-Port Static RAM
CY7C027-20AC CYPRESS-CY7C027-20AC Datasheet
489Kb / 20P
32K/64K x 16/18 Dual-Port Static RAM
CY7C027-20AXC CYPRESS-CY7C027-20AXC Datasheet
489Kb / 20P
32K/64K x 16/18 Dual-Port Static RAM
More results


Similar Description - CY7C027

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C027V CYPRESS-CY7C027V Datasheet
236Kb / 18P
3.3V 32K/64K x 16/18 Dual-Port Static RAM
CY7C09279 CYPRESS-CY7C09279 Datasheet
342Kb / 18P
32K/64K X 16/18 Synchronous Dual Port Static RAM
logo
Integrated Device Techn...
IDT7038L IDT-IDT7038L Datasheet
155Kb / 17P
HIGH - SPEED 64K x 18 DUAL - PORT STATIC RAM
logo
Cypress Semiconductor
CY7C09269V CYPRESS-CY7C09269V Datasheet
348Kb / 19P
3.3V 16K/32K/64K x 16/18 Synchronous Dual-Port Static RAM
CY7C027 CYPRESS-CY7C027_05 Datasheet
489Kb / 20P
32K/64K x 16/18 Dual-Port Static RAM
CY7C09269V CYPRESS-CY7C09269V_05 Datasheet
758Kb / 19P
3.3V 16K/32K/64K x 16/18 Synchronous Dual-Port Static RAM
CY7C09279 CYPRESS-CY7C09279_02 Datasheet
350Kb / 18P
32K/64K x16/18 Synchronous Dual Port Static RAM
CY7C027V CYPRESS-CY7C027V_09 Datasheet
472Kb / 18P
3.3V 32K/64K x 16/18 Dual-Port Static RAM
CY7C027V CYPRESS-CY7C027V_12 Datasheet
336Kb / 22P
3.3 V 32K/64K x 16/18 Dual-Port Static RAM
logo
Integrated Device Techn...
IDT7038L IDT-IDT7038L_18 Datasheet
182Kb / 17P
HIGH-SPEED 64K x 18 DUAL-PORT STATIC RAM
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com