Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C027V Datasheet (PDF) - Cypress Semiconductor

CY7C027V Datasheet PDF - Cypress Semiconductor
Part # CY7C027V
Download  CY7C027V Download
File Size   236.41 Kbytes
Page   18 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 3.3V 32K/64K x 16/18 Dual-Port Static RAM

CY7C027V Datasheet (PDF)

Go To PDF Page Download Datasheet
CY7C027V Datasheet PDF - Cypress Semiconductor

Part # CY7C027V
Download  CY7C027V Click to download

File Size   236.41 Kbytes
Page   18 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 3.3V 32K/64K x 16/18 Dual-Port Static RAM

CY7C027V Datasheet (HTML) - Cypress Semiconductor


CY7C027V Product details

Features

■ True Dual-Ported memory cells which allow simultaneous access of the same memory location

■ 32K x 16 organization (CY7C027V/027VN/027AV [1])

■ 64K x 16 organization (CY7C028V)

■ 32K x 18 organization (CY7C037V/037AV[2])

■ 64K x 18 organization (CY7C038V)

■ 0.35 micron CMOS for optimum speed and power

■ High speed access: 15, 20, and 25 ns

■ Low operating power

■ Active: ICC = 115 mA (typical)

■ Standby: ISB3 = 10 μA (typical)

■ Fully asynchronous operation

■ Automatic power down

■ Expandable data bus to 32/36 bits or more using Master/Slave chip select when using more than one device

■ On-chip arbitration logic

■ Semaphores included to permit software handshaking between ports

■ INT flag for port-to-port communication

■ Separate upper-byte and lower-byte control

■ Dual chip enables

■ Pin select for Master or Slave

■ Commercial and Industrial temperature ranges

■ 100-pin Pb-free TQFP and 100-pin TQFP




Similar Part No. - CY7C027V

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C027V-15AC CYPRESS-CY7C027V-15AC Datasheet
472Kb / 18P
3.3V 32K/64K x 16/18 Dual-Port Static RAM
CY7C027V-15AXC CYPRESS-CY7C027V-15AXC Datasheet
472Kb / 18P
3.3V 32K/64K x 16/18 Dual-Port Static RAM
CY7C027V-15AXC CYPRESS-CY7C027V-15AXC Datasheet
336Kb / 22P
3.3 V 32K/64K x 16/18 Dual-Port Static RAM
CY7C027V-15AXC CYPRESS-CY7C027V-15AXC Datasheet
641Kb / 24P
3.3 V 32 K / 64 K 횞 16 / 18 Dual-Port Static RAM
CY7C027V-15AXI CYPRESS-CY7C027V-15AXI Datasheet
336Kb / 22P
3.3 V 32K/64K x 16/18 Dual-Port Static RAM
More results


Similar Description - CY7C027V

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V38L IDT-IDT70V38L Datasheet
260Kb / 17P
HIGH-SPEED 3.3V 64K x 18 DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7C027 CYPRESS-CY7C027 Datasheet
256Kb / 19P
32K/64K x 16/18 Dual-Port Static RAM
CY7C09279 CYPRESS-CY7C09279 Datasheet
342Kb / 18P
32K/64K X 16/18 Synchronous Dual Port Static RAM
CY7C09269V CYPRESS-CY7C09269V Datasheet
348Kb / 19P
3.3V 16K/32K/64K x 16/18 Synchronous Dual-Port Static RAM
CY7C027 CYPRESS-CY7C027_05 Datasheet
489Kb / 20P
32K/64K x 16/18 Dual-Port Static RAM
CY7C09269V CYPRESS-CY7C09269V_05 Datasheet
758Kb / 19P
3.3V 16K/32K/64K x 16/18 Synchronous Dual-Port Static RAM
CY7C027V CYPRESS-CY7C027V_09 Datasheet
472Kb / 18P
3.3V 32K/64K x 16/18 Dual-Port Static RAM
CY7C027V CYPRESS-CY7C027V_12 Datasheet
336Kb / 22P
3.3 V 32K/64K x 16/18 Dual-Port Static RAM
logo
Integrated Device Techn...
IDT70V38L IDT-IDT70V38L_15 Datasheet
655Kb / 17P
HIGH-SPEED 3.3V 64K x 18 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V38 RENESAS-70V38 Datasheet
416Kb / 19P
HIGH-SPEED 3.3V 64K x 18 DUAL-PORT STATIC RAM
JUNE 2019
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com