Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT2232C Datasheet (PDF) - Future Technology Devices International Ltd.

FT2232C Datasheet PDF - Future Technology Devices International Ltd.
Part # FT2232C
Download  FT2232C Download
File Size   907.48 Kbytes
Page   51 Pages
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.
Description Dual USB UART / FIFO I.C.

FT2232C Datasheet (PDF)

Go To PDF Page Download Datasheet
FT2232C Datasheet PDF - Future Technology Devices International Ltd.

Part # FT2232C
Download  FT2232C Click to download

File Size   907.48 Kbytes
Page   51 Pages
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.
Description Dual USB UART / FIFO I.C.

FT2232C Datasheet (HTML) - Future Technology Devices International Ltd.


FT2232C Product details

General Description

The FT2232D is a USB interface which incorporates the functionallity of two of FTDI’s second generation BM chips into a single device. A single downstream USB port is converted to two IO channels which can each be individually configured as a FT232BM-style UART interface, or a FT245BM-style FIFO interface, without the need to add a USB hub. There are also several new special modes which are either enabled in the external EEPROM, or by using driver commands. These include Synchronous Bit-Bang Mode, a CPU-Style FIFO Interface Mode, a Multi-Protocol Synchronous Serial Engine Interface Mode, MCU Host Bus Emulation Mode, and Fast Opto-Isolated Serial Interface Mode.



Features Summary

Hardware Features

• Single chip USB to dual channel serial / parallel ports with a variety of configurations.

• Entire USB protocol handled on the chip...no USB specific firmware programming required.

• FT232B-style asynchronous serial UART interface option with full hardware handshaking and modem interface signals.

• UART Interface supports 7 / 8 bit data, 1 / 2 stop bits, and Odd / Even / Mark / Space / No Parity

• Fully assisted hardware or X-On / X-Off software handshaking.

• Transfer Data Rate 300 to 1 Mega Baud (RS232).

• Transfer Data Rate 300 to 3 Mega Baud (at TTL levels and RS422 / RS485).

• Auto transmit enable control for RS485 serial applications using TXDEN pin.

• In-built support for event characters and line break condition.

• Transmit and receive LED drive signals on each channel.

• FT245B-style FIFO interface option with bidirectional data bus and simple 4 wire handshake interface.

• USB to parallel FIFO transfer data rate up to 1 megabyte / second.

• Adjustable receive buffer timeout.

• Enhanced bit-bang Mode interface option with RD# and WR# strobes.

• New synchronous bit-bang mode interface option with RD# and WR# strobes.

• New Multi-Protocol Synchronous Serial Engine (MPSSE) interface option.

• New CPU-style FIFO interface mode option.

• New MCU host bus emulation mode option.

• New fast opto-Isolated serial interface mode option

• High I/O pin output drive option.

• Interface mode and USB Description strings configurable in external EEPROM.

• EEPROM Configurable on board via USB

• Support for USB suspend and resume conditions via PWREN#, and SI/WU pins.

• Support for bus powered, self powered, and high power bus powered USB configurations.

• Integrated power-on-reset circuit, with optional reset input and reset Output pins.

• 5V and 3.3V logic I/O Interfacing with independent level conversion on each channel.

• Integrated 3.3V LDO regulator for USB I/O

• Integrated 6MHz – 48Mhz clock multiplier PLL

• USB Bulk data transfer mode.

• 4.35V to 5.25V single supply operating voltage range.

• Low operating and USB suspend current.

• UHCI / OHCI / EHCI host controller compatible.

• USB 2.0 Full Speed (12 Mbits / Second) compatible.

• Extended -40°C to 85°C industrial operating tem perature range.

• Compact 48-LD Lead Free LQFP package

• FTDI’s royalty-free VCP and D2XX drivers eliminate the requirement for USB driver development in most cases.

• Dedicated Windows DLLs available for USB to JTAG, USB to SPI, and USB to I2C applications.



Typical Applications

• USB to Dual Port RS232 Converters

• USB to Dual Port RS422 / RS485 Converters

• Upgrading Legacy Peripheral Designs to USB

• USB Instrumentation

• USB JTAG Programming

• USB to SPI Bus Interfaces

• USB Industrial Control

• Field Upgradable USB Products

• Galvanically Isolated Products with USB Interface

• USB to synchronous serial interface

• Cellular and cordless phone USB data transfer cables and interfaces.

• Interfacing MCU / PLD / FPGA based designs to USB

• USB Audio and Low Bandwidth Video data transfer

• PDA to USB data transfer

• USB Smart Card Readers

• USB Instrumentation

• USB Industrial Control

• USB MP3 Player Interface

• USB FLASH Card Reader / Writers

• Set Top Box PC - USB interface

• USB Digital Camera Interface

• USB Bar Code Readers



 




Similar Part No. - FT2232C

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT2232C FTDI-FT2232C Datasheet
1,022Kb / 54P
Dual USB UART / FIFO I.C.
FT2232C FTDI-FT2232C_04 Datasheet
1,022Kb / 54P
Dual USB UART / FIFO I.C.
More results


Similar Description - FT2232C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FT245BL ETC-FT245BL Datasheet
505Kb / 24P
FT245BL USB FIFO ( USB - Parallel ) I.C.
logo
Future Technology Devic...
FT245BM FTDI-FT245BM Datasheet
550Kb / 24P
USB FIFO ( USB - Parallel ) I.C.
FT245BQ FTDI-FT245BQ Datasheet
555Kb / 24P
USB FIFO ( USB - Parallel ) I.C.
FT2232L FTDI-FT2232L Datasheet
935Kb / 51P
Dual USB UART / FIFO I.C.
FT232BQ FTDI-FT232BQ Datasheet
557Kb / 26P
USB UART ( USB - Serial) I.C.
FT2232D FTDI-FT2232D Datasheet
952Kb / 56P
Dual USB UART/FIFO I.C.
FT232BL FTDI-FT232BL Datasheet
540Kb / 25P
USB UART ( USB - Serial) I.C.
FT232BM FTDI-FT232BM Datasheet
575Kb / 25P
USB UART ( USB - Serial) I.C.
FT245BL FTDI-FT245BL Datasheet
538Kb / 24P
USB FIFO ( USB - Parallel ) I.C.
FT2232C FTDI-FT2232C_04 Datasheet
1,022Kb / 54P
Dual USB UART / FIFO I.C.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com