Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT232BM Datasheet (PDF) - Future Technology Devices International Ltd.

FT232BM Datasheet PDF - Future Technology Devices International Ltd.
Part # FT232BM
Download  FT232BM Download
File Size   575.98 Kbytes
Page   25 Pages
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.
Description USB UART ( USB - Serial) I.C.

FT232BM Datasheet (PDF)

Go To PDF Page Download Datasheet
FT232BM Datasheet PDF - Future Technology Devices International Ltd.

Part # FT232BM
Download  FT232BM Click to download

File Size   575.98 Kbytes
Page   25 Pages
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.
Description USB UART ( USB - Serial) I.C.

FT232BM Datasheet (HTML) - Future Technology Devices International Ltd.


FT232BM Product details

The FT232BM is the 2nd generation of FTDI’s popular USB UART I.C. This device not only adds extra functionality to its FT8U232AM predecessor and reduces external component count, but also maintains a high degree of pin compatibility with the original, making it easy to upgrade or cost reduce existing designs as well as increasing the potential for using the device in new application areas.

Features
HARDWARE FEATURES
• Single Chip USB <->Asynchronous Serial Data Transfer
• Full Handshaking & Modem Interface Signals
• UART I/F Supports 7 / 8 Bit Data, 1 / 2 Stop Bits and Odd/Even/Mark/Space/No Parity
• Data rate 300 => 3M Baud (TTL)
• Data rate 300 => 1M Baud (RS232)
• Data rate 300 => 3M Baud (RS422/RS485)
• 384 Byte Receive Buffer / 128 Byte Transmit Buffer for high data throughput
• Adjustable RX buffer timeout
• Fully Assisted Hardware or X-On / X-Off Handshaking
• In-built support for event characters and line break condition
• Auto Transmit Buffer control for RS485
• Support for USB Suspend / Resume through SLEEP# and RI# pins
• Support for high power USB Bus powered devices through PWREN# pin
• Integrated level converter on UART and control signals for interfacing to 5V and 3.3V logic
• Integrated 3.3V regulator for USB IO
• Integrated Power-On-Reset circuit
• Integrated 6MHz – 48Mhz clock multiplier PLL
• USB Bulk or Isochronous data transfer modes
• 4.35V to 5.25V single supply operation
• UHCI / OHCI / EHCI host controller compatible
• USB 1.1 and USB 2.0 compatible
• USB VID, PID, Serial Number and Product Description strings in external EEPROM
• EEPROM programmable on-board via USB
• Compact 32-LD LQFP package

APPLICATION AREAS
- USB <-> RS232 Converters
- USB <-> RS422 / RS485 Converters
- Upgrading RS232 Legacy Peripherals to USB
- Cellular and Cordless Phone USB data transfer cables and interfaces
- Interfacing MCU based designs to USB
- USB Audio and Low Bandwidth Video data transfer
- PDA <-> USB data transfer
- USB Smart Card Readers
- Set Top Box (S.T.B.) PC - USB interface
- USB Hardware Modems
- USB Wireless Modems
- USB Instrumentation
- USB Bar Code Readers




Similar Part No. - FT232BM

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT232BM FTDI-FT232BM Datasheet
1,022Kb / 54P
Dual USB UART / FIFO I.C.
More results


Similar Description - FT232BM

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT245BM FTDI-FT245BM Datasheet
550Kb / 24P
USB FIFO ( USB - Parallel ) I.C.
FT245BQ FTDI-FT245BQ Datasheet
555Kb / 24P
USB FIFO ( USB - Parallel ) I.C.
FT2232C FTDI-FT2232C Datasheet
907Kb / 51P
Dual USB UART / FIFO I.C.
FT2232L FTDI-FT2232L Datasheet
935Kb / 51P
Dual USB UART / FIFO I.C.
FT232BQ FTDI-FT232BQ Datasheet
557Kb / 26P
USB UART ( USB - Serial) I.C.
FT2232D FTDI-FT2232D Datasheet
952Kb / 56P
Dual USB UART/FIFO I.C.
FT232BL FTDI-FT232BL Datasheet
540Kb / 25P
USB UART ( USB - Serial) I.C.
FT245BL FTDI-FT245BL Datasheet
538Kb / 24P
USB FIFO ( USB - Parallel ) I.C.
UM232R FTDI-UM232R Datasheet
764Kb / 19P
USB- Serial UART Development Module
FT2232C FTDI-FT2232C_04 Datasheet
1,022Kb / 54P
Dual USB UART / FIFO I.C.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com