Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK6000RH Datasheet (PDF) - Anaren Microwave

MSK6000RH Datasheet PDF - Anaren Microwave
Part # MSK6000RH
Download  MSK6000RH Download
File Size   655.02 Kbytes
Page   7 Pages
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave
Description RAD HARD DUAL HIGH SIDE DRIVER WITH CURRENT SENSE

MSK6000RH Datasheet (PDF)

Go To PDF Page Download Datasheet
MSK6000RH Datasheet PDF - Anaren Microwave

Part # MSK6000RH
Download  MSK6000RH Click to download

File Size   655.02 Kbytes
Page   7 Pages
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave
Description RAD HARD DUAL HIGH SIDE DRIVER WITH CURRENT SENSE

MSK6000RH Datasheet (HTML) - Anaren Microwave


MSK6000RH Product details

DESCRIPTION:
The MSK6000RH is a radiation hardened dual 5A high side switch module with a current sensing output. Each switch is independently controlled with 5V logic and can switch up to 5A maximum current. Each switch has its own independent ground reference. The current monitor outputs provide a simple method for monitoring the current in each switch. The device is designed for space applications where quality, performance and low weight are a must. The MSK6000RH is packaged in a hermetic 26 pin flatpack.

FEATURES:
• Manufactured using LINEAE TECHNOLOGY RH 6105 Dice
• Radiation Hardened to 100Krad(Si) (Method 1019 Condition A)
• 100V RAD HARD MOSFETs
• Dual Configuration
• Low Profile Surface Mount Flatpack
• 12V to 44V Input Voltage Range
• 5V to 36V VCC Supply Range
• 5A Max. Rating for Rad Hard Switches
• Contact MSK for MIL-PRF-38534 Qualification Status

TYPICAL APPLICATIONS
• High Side Switch Drivers
• High Level Switching
• Space Applications
• Circuit Breaker




Similar Part No. - MSK6000RH

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK600 MSK-MSK600 Datasheet
188Kb / 6P
WIDE BANDWIDTH HIGH VOLTAGE AMPLIFIER
logo
Anaren Microwave
MSK600 ANAREN-MSK600 Datasheet
200Kb / 4P
WIDE BANDWIDTH HIGH VOLTAGE AMPLIFIER
MSK600B ANAREN-MSK600B Datasheet
200Kb / 4P
WIDE BANDWIDTH HIGH VOLTAGE AMPLIFIER
logo
M.S. Kennedy Corporatio...
MSK600 MSK-MSK600_15 Datasheet
200Kb / 4P
Ultra Low Quiescent Current - 짹15mA for High Voltage
More results


Similar Description - MSK6000RH

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC3201 MICREL-MIC3201 Datasheet
521Kb / 16P
High Brightness LED Driver with High-Side Current Sense
MIC3201 MICREL-MIC3201_11 Datasheet
698Kb / 16P
High Brightness LED Driver with High-Side Current Sense
logo
STMicroelectronics
VND5T050AK-E STMICROELECTRONICS-VND5T050AK-E Datasheet
772Kb / 32P
Double channel high-side driver with analog current sense
18-Sep-2013
VND5E008AY-E STMICROELECTRONICS-VND5E008AY-E Datasheet
971Kb / 39P
Double channel high-side driver with analog current sense
25-Oct-2013
logo
Anaren Microwave
MSK496RH ANAREN-MSK496RH Datasheet
589Kb / 7P
RAD HARD QUAD PRECISION RAIL TO RAIL CURRENT SENSE AMP
MSK197RH ANAREN-MSK197RH Datasheet
327Kb / 7P
RAD HARD PRECISION RAIL TO RAIL CURRENT SENSE
MSK196RH ANAREN-MSK196RH Datasheet
1Mb / 7P
RAD HARD PRECISION RAIL TO RAIL CURRENT SENSE
logo
STMicroelectronics
RHFLVDSR2D2 STMICROELECTRONICS-RHFLVDSR2D2 Datasheet
437Kb / 17P
Rad-hard dual LVDS driver-receiver
04-Mar-2015
RHRPM4423 STMICROELECTRONICS-RHRPM4423 Datasheet
1Mb / 31P
Rad-hard 4.5 A dual inverting low-side MOSFET driver
15-May-2019
RHRPM4424 STMICROELECTRONICS-RHRPM4424 Datasheet
1Mb / 31P
Rad-hard 4.5 A dual low-side MOSFET driver
07-Feb-2019
More results




About Anaren Microwave


Anaren Microwave is a company that designs and manufactures high-frequency microwave components and subsystems for the aerospace and defense industries, as well as the wireless communication industry. The company was founded in 1967 and is headquartered in Syracuse, New York.

Anaren Microwave's products include RF amplifiers, filters, couplers, power dividers, and other passive and active microwave components. The company also offers custom-designed microwave subsystems, including signal generators, receivers, and transmitters, that are used in a variety of applications, such as radar systems, satellite communications, and electronic warfare.

Anaren Microwave is known for its advanced technology and manufacturing capabilities, including surface mount technology, microelectronic packaging, and automated testing. The company has a strong focus on research and development, with a team of engineers and scientists working to develop new products and technologies.

In 2018, Anaren Microwave was acquired by TTM Technologies, a leading manufacturer of printed circuit boards and other electronic components. Today, Anaren Microwave operates as a division of TTM Technologies, continuing to provide high-quality microwave components and subsystems to customers around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com