Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHFLVDSR2D2 Datasheet (PDF) - STMicroelectronics

RHFLVDSR2D2 Datasheet PDF - STMicroelectronics
Part # RHFLVDSR2D2
Download  RHFLVDSR2D2 Download
File Size   437.47 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Rad-hard dual LVDS driver-receiver

RHFLVDSR2D2 Datasheet (PDF)

Go To PDF Page Download Datasheet
RHFLVDSR2D2 Datasheet PDF - STMicroelectronics

Part # RHFLVDSR2D2
Download  RHFLVDSR2D2 Click to download

File Size   437.47 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Rad-hard dual LVDS driver-receiver

RHFLVDSR2D2 Datasheet (HTML) - STMicroelectronics


RHFLVDSR2D2 Product details

Features
 Dual drivers, TTL compatible inputs/LVDS
outputs
 Dual receivers, LVDS inputs/TTL compatible
outputs
 Individual Enable/Disable function with highimpedance
 ANSI TIA/EIA-644 compliant
 400 Mbps (200 MHz)
 Cold spare on all pins
 Fail-safe function
 3.3 V operating power supply
 4.8 V absolute rating
 Power consumption: 50 mW at 3.3 V
 Hermetic package

Description
Dual low voltage differential signaling (LVDS), driver receiver designed, packaged and qualified for use in aerospace environments in a low-power and fast-transmission standard, and operating at 3.3 V power supply (3.6 V max operating and 4.8 V AMR). The RHFLVDSR2D2 operates over a controlled impedance of 100-ohm transmission media that may be printed circuit board traces, back planes, or cables.
The circuit features an internal fail-safe function to ensure a known state in case of an input short circuit or floating input. All pins have cold spare buffers to ensure they are in high impedance when VCC is tied to GND.
The RHFLVDSR2D2 can operate over a large temperature range of -55 °C to +125 °C and it is housed in an hermetic Ceramic Flat-18 package.




Similar Part No. - RHFLVDSR2D2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RHFLVDS2281 STMICROELECTRONICS-RHFLVDS2281 Datasheet
393Kb / 17P
Rad-hard, dual 4x4 crosspoint switch LVDS
04-Mar-2015
RHFLVDS2281K01V STMICROELECTRONICS-RHFLVDS2281K01V Datasheet
393Kb / 17P
Rad-hard, dual 4x4 crosspoint switch LVDS
04-Mar-2015
RHFLVDS2281K1 STMICROELECTRONICS-RHFLVDS2281K1 Datasheet
393Kb / 17P
Rad-hard, dual 4x4 crosspoint switch LVDS
04-Mar-2015
RHFLVDS228A STMICROELECTRONICS-RHFLVDS228A Datasheet
374Kb / 16P
Rad-hard, dual 4x4 crosspoint switch LVDS
29-Oct-2013
RHFLVDS228AK01V STMICROELECTRONICS-RHFLVDS228AK01V Datasheet
374Kb / 16P
Rad-hard, dual 4x4 crosspoint switch LVDS
29-Oct-2013
More results


Similar Description - RHFLVDSR2D2

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK5911 MSK-MSK5911 Datasheet
293Kb / 7P
DUAL RAD HARD /- VOLTAGE REGULATOR
logo
STMicroelectronics
RHFLVDS325 STMICROELECTRONICS-RHFLVDS325 Datasheet
312Kb / 15P
Rad-hard quad LVDS receiver
21-Oct-2015
RHFLVDS2281 STMICROELECTRONICS-RHFLVDS2281 Datasheet
393Kb / 17P
Rad-hard, dual 4x4 crosspoint switch LVDS
04-Mar-2015
RHFLVDS32A STMICROELECTRONICS-RHFLVDS32A Datasheet
408Kb / 15P
Rad-hard quad LVDS receivers
04-Mar-2015
RHFLVDS228A STMICROELECTRONICS-RHFLVDS228A Datasheet
374Kb / 16P
Rad-hard, dual 4x4 crosspoint switch LVDS
29-Oct-2013
RHFLVDS315 STMICROELECTRONICS-RHFLVDS315 Datasheet
302Kb / 15P
Rad-hard quad LVDS driver
21-Oct-2015
logo
Anaren Microwave
MSK6000RH ANAREN-MSK6000RH Datasheet
655Kb / 7P
RAD HARD DUAL HIGH SIDE DRIVER WITH CURRENT SENSE
logo
STMicroelectronics
LEOLVDSRD STMICROELECTRONICS-LEOLVDSRD Datasheet
795Kb / 23P
Rad-hard plastic LVDS driver-receiver
15-Jun-2022
RHFLVDS31A STMICROELECTRONICS-RHFLVDS31A Datasheet
385Kb / 15P
Rad-hard quad LVDS driver
28-Apr-2017
RHRPM4424 STMICROELECTRONICS-RHRPM4424 Datasheet
1Mb / 31P
Rad-hard 4.5 A dual low-side MOSFET driver
07-Feb-2019
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com