Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC77 Datasheet (PDF) - Microchip Technology

TC77 Datasheet PDF - Microchip Technology
Part # TC77
Download  TC77 Download
File Size   374.98 Kbytes
Page   22 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Thermal Sensor with SPI Interface

TC77 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC77 Datasheet PDF - Microchip Technology

Part # TC77
Download  TC77 Click to download

File Size   374.98 Kbytes
Page   22 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Thermal Sensor with SPI Interface

TC77 Datasheet (HTML) - Microchip Technology


TC77 Product details

Description
The TC77 is a serially accessible digital temperature sensor particularly suited for low cost and small formfactor applications. Temperature data is converted from the internal thermal sensing element and made available at anytime as a 13-bit two’s compliment digital word. Communication with the TC77 is accomplished via a SPI and MICROWIRE compatible interface. It has a 12-bit plus sign temperature resolution of 0.0625°C per Least Significant Bit (LSb). The TC77 offers a temperature accuracy of ±1.0°C (max.) over the temperature range of +25°C to +65°C. When operating, the TC77 consumes only 250 µA (typ.). The TC77’s Configuration register can be used to activate the low power Shutdown mode, which has a current consumption of only 0.1 µA (typ.). Small size, low cost and ease of use make the TC77 an ideal choice for implementing thermal management in a variety of systems.

Features
• Digital Temperature Sensing in 5-Pin SOT-23A and 8-Pin SOIC Packages
• Outputs Temperature as a 13-Bit Digital Word
• SPI and MICROWIRE™ Compatible Interface
• Solid State Temperature Sensing
• ±1°C (max.) accuracy from +25°C to +65°C
• ±2°C (max.) accuracy from -40°C to +85°C
• ±3°C (max.) accuracy from -55°C to +125°C
• 2.7V to 5.5V Operating Range
• Low Power
   - 250 µA (typ.) Continuous Conversion Mode
   - 0.1 µA (typ.) Shutdown Mode

Typical Applications
• Thermal Protection for Hard Disk Drives and Other PC Peripherals
• PC Card Devices for Notebook Computers
• Low Cost Thermostat Controls
• Industrial Control
• Office Equipment
• Cellular Phones
• Thermistor Replacement




Similar Part No. - TC77

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
TC77 CDE-TC77 Datasheet
152Kb / 2P
Axial Leaded Aluminum Electrolytic Capacitors
logo
Microchip Technology
TC77 MICROCHIP-TC77 Datasheet
2Mb / 44P
Analog & Interface Product Selector Guide
11/29/11
TC77 MICROCHIP-TC77 Datasheet
2Mb / 44P
Analog and Interface Product Selector Guide
11/29/11
TC77 MICROCHIP-TC77 Datasheet
291Kb / 22P
Thermal Sensor with SPI Interface
08/01/02
TC77-3.3MCTTR MICROCHIP-TC77-3.3MCTTR Datasheet
291Kb / 22P
Thermal Sensor with SPI Interface
08/01/02
More results


Similar Description - TC77

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TMP121 BURR-BROWN-TMP121 Datasheet
128Kb / 9P
1.5C Accurate Digital Temperature Sensor with SPI Interface
logo
Texas Instruments
TMP125AIDBVRG4 TI-TMP125AIDBVRG4 Datasheet
130Kb / 10P
2C Accurate Digital Temperature Sensor with SPI Interface
logo
Microchip Technology
TC72 MICROCHIP-TC72 Datasheet
417Kb / 24P
Digital Temperature Sensor with SPI??Interface
2002
logo
Texas Instruments
TMP121-EP TI1-TMP121-EP Datasheet
566Kb / 13P
1.5째C ACCURATE DIGITAL TEMPERATURE SENSOR WITH SPI??INTERFACE
logo
Linear Dimensions Semic...
LND3045 LINEAR_DIMENSIONS-LND3045 Datasheet
68Kb / 1P
Analog Sensor Interface Chip- SAR ADC with SPI
logo
Microchip Technology
TC77 MICROCHIP-TC77_13 Datasheet
307Kb / 22P
Thermal Sensor with SPI Interface
10/26/12 2002-2012
TC77-50MOATR MICROCHIP-TC77-50MOATR Datasheet
291Kb / 22P
Thermal Sensor with SPI Interface
08/01/02
logo
Texas Instruments
TMP125 TI1-TMP125_15 Datasheet
185Kb / 12P
2째C Accurate Digital Temperature Sensor with SPI Interface
logo
Microchip Technology
TC72 MICROCHIP-TC72_11 Datasheet
605Kb / 28P
Digital Temperature Sensor with SPI Interface
05/02/11
logo
Texas Instruments
TMP125 TI1-TMP125 Datasheet
183Kb / 12P
Accurate Digital Temperature Sensor with SPI田?Interface
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com