Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC72 Datasheet (PDF) - Microchip Technology

TC72 Datasheet PDF - Microchip Technology
Part # TC72
Download  TC72 Download
File Size   417.24 Kbytes
Page   24 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Digital Temperature Sensor with SPI??Interface

TC72 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC72 Datasheet PDF - Microchip Technology

Part # TC72
Download  TC72 Click to download

File Size   417.24 Kbytes
Page   24 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Digital Temperature Sensor with SPI??Interface

TC72 Datasheet (HTML) - Microchip Technology


TC72 Product details

General Description
The TC72 is a digital temperature sensor capable of reading temperatures from -55°C to +125°C. This sensor features a serial interface that allows communication with a host controller or other peripherals. The TC72 interface is compatible with the SPI protocol. The TC72 does not require any additional external components. However, it is recommended that a decoupling capacitor of 0.01 µF to 0.1 µF be provided between the VDD and GND pins.

Features
• Temperature-to-Digital Converter
• SPI™ Compatible Interface
• 10-Bit Resolution (0.25°C/Bit)
• ±2°C (max.) Accuracy from -40°C to +85°C
• ±3°C (max.) Accuracy from -55°C to +125°C
• 2.65V to 5.5V Operating Range
• Low Power Consumption:
   - 250 µA (typ.) Continuous Temperature Conversion Mode
   - 1 µA (max.) Shutdown Mode
• Power Saving One-Shot Temperature Measurement
• Industry Standard 8-Pin MSOP Package
• Space Saving 8-Pin DFN (3x3 mm) Package

Typical Applications
• Personal Computers and Servers
• Hard Disk Drives and Other PC Peripherals
• Entertainment Systems
• Office Equipment
• Datacom Equipment
• Mobile Phones
• General Purpose Temperature Monitoring




Similar Part No. - TC72

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
TC72 CDE-TC72 Datasheet
152Kb / 2P
Axial Leaded Aluminum Electrolytic Capacitors
logo
Microchip Technology
TC72 MICROCHIP-TC72 Datasheet
2Mb / 44P
Analog & Interface Product Selector Guide
11/29/11
TC72 MICROCHIP-TC72 Datasheet
2Mb / 44P
Analog and Interface Product Selector Guide
11/29/11
TC72-2.8MMF MICROCHIP-TC72-2.8MMF Datasheet
605Kb / 28P
Digital Temperature Sensor with SPI Interface
05/02/11
TC72-2.8MMFTR MICROCHIP-TC72-2.8MMFTR Datasheet
605Kb / 28P
Digital Temperature Sensor with SPI Interface
05/02/11
More results


Similar Description - TC72

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TMP121 BURR-BROWN-TMP121 Datasheet
128Kb / 9P
1.5C Accurate Digital Temperature Sensor with SPI Interface
logo
Texas Instruments
TMP125AIDBVRG4 TI-TMP125AIDBVRG4 Datasheet
130Kb / 10P
2C Accurate Digital Temperature Sensor with SPI Interface
TMP100-EP TI1-TMP100-EP Datasheet
633Kb / 22P
DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
TMP121-EP TI1-TMP121-EP Datasheet
566Kb / 13P
1.5째C ACCURATE DIGITAL TEMPERATURE SENSOR WITH SPI??INTERFACE
TMP101-Q1 TI1-TMP101-Q1 Datasheet
312Kb / 19P
DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
TMP101NA-250G4 TI-TMP101NA-250G4 Datasheet
819Kb / 19P
Digital Temperature Sensor with I2C Interface
TMP121AIDBVTG4 TI-TMP121AIDBVTG4 Datasheet
734Kb / 18P
1.5 C Accurate Digital Temperature Sensor with SPI田?Interface
TMP125 TI1-TMP125_15 Datasheet
185Kb / 12P
2째C Accurate Digital Temperature Sensor with SPI Interface
logo
Microchip Technology
TC72 MICROCHIP-TC72_11 Datasheet
605Kb / 28P
Digital Temperature Sensor with SPI Interface
05/02/11
logo
Texas Instruments
TMP125 TI1-TMP125 Datasheet
183Kb / 12P
Accurate Digital Temperature Sensor with SPI田?Interface
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com