Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC72 Datasheet(PDF) 4 Page - Microchip Technology

Part # TC72
Description  Digital Temperature Sensor with SPI??Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC72 Datasheet(HTML) 4 Page - Microchip Technology

  TC72 Datasheet HTML 1Page - Microchip Technology TC72 Datasheet HTML 2Page - Microchip Technology TC72 Datasheet HTML 3Page - Microchip Technology TC72 Datasheet HTML 4Page - Microchip Technology TC72 Datasheet HTML 5Page - Microchip Technology TC72 Datasheet HTML 6Page - Microchip Technology TC72 Datasheet HTML 7Page - Microchip Technology TC72 Datasheet HTML 8Page - Microchip Technology TC72 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
TC72
DS21743A-page 4
 2002 Microchip Technology Inc.
Serial Port AC Timing (Note 2, 3)
Clock Frequency
fCLK
DC
7.5
MHz
SCK Low Time
tCL
65
ns
SCK High Time
tCH
65
ns
CE to SCK Setup
tCC
400
ns
SCK to Data Out Valid
tCDD
55
ns
CE to Output Tri-state
tCDZ
40
ns
SCK to Data Hold Time
tCDH
35
ns
Data to SCK Set-up Time
tDC
35
ns
SCK to CE Hold Time
tCCH
100
ns
SCK Rise Time
tR
——
200
ns
SCK Fall Time
tF
——
200
ns
CE Inactive Time
tCWH
400
ns
Thermal Package Resistance
Thermal Resistance, MSOP-8
θ
JA
—206
°C/W
Thermal Resistance, DFN-8
θ
JA
—60.5
°C/W
DC CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise noted, all parameters apply at V
DD = 2.65V to 5.5V, T
A = -55°C to +125 °C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Note 1: The TC72-2.8MXX, TC72-3.3MXX and TC72-5.0MXX will operate from a supply voltage of 2.65V to 5.5V. However, the
TC72-2.8MXX, TC72-3.3MXX and TC72-5.0MXX are tested and specified at the nominal operating voltages of 2.8V,
3.3V and 5.0V respectively. As VDD varies from the nominal operating value, the accuracy may be degraded. Refer to
Figure 2-5 and Figure 2-6.
2: Measured with a load of CL = 50 pF on the SDO output pin of the TC72.
3: All time measurements are measured with respect to the 50% point of the signal, except for the SCK rise and fall times.
The rise and fall times are defined as the 10% to 90% transition time.
4: Resolution = Temperature Range/No. of Bits = (+127°C – -128°C) / (210) = 256/1024 = 0.25°C/Bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com