Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC72 Datasheet(PDF) 12 Page - Microchip Technology

Part # TC72
Description  Digital Temperature Sensor with SPI??Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC72 Datasheet(HTML) 12 Page - Microchip Technology

Back Button TC72 Datasheet HTML 8Page - Microchip Technology TC72 Datasheet HTML 9Page - Microchip Technology TC72 Datasheet HTML 10Page - Microchip Technology TC72 Datasheet HTML 11Page - Microchip Technology TC72 Datasheet HTML 12Page - Microchip Technology TC72 Datasheet HTML 13Page - Microchip Technology TC72 Datasheet HTML 14Page - Microchip Technology TC72 Datasheet HTML 15Page - Microchip Technology TC72 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
TC72
DS21743A-page 12
 2002 Microchip Technology Inc.
4.0
INTERNAL REGISTER
STRUCTURE
The TC72 registers are listed below.
TABLE 4-1:
REGISTERS FOR TC72
4.1
Control Register
The Control register is both a read and a write register
that is used to select either the Shutdown, Continuous
or One-Shot Conversion operating mode. The Temper-
ature Conversion mode selection logic is shown in
Table 4-2. The Shutdown (SHDN) bit is stored in bit 0
of the Control register. If SHDN is equal to ‘1’, the TC72
will go into the power-saving shutdown mode. If SHDN
is equal to ‘0’, the TC72 will perform a temperature
conversion approximately every 150 ms.
At power-up, the SHDN bit is set to ‘1’. Thus, the TC72
is in the shutdown operating mode at startup. The Con-
tinuous Temperature Conversion mode is selected by
writing a ‘0’ to the SHDN bit of the Control register.
The Shutdown mode can be used to minimize the
power consumption of the TC72 when active tempera-
ture monitoring is not required. The shutdown mode
disables the temperature conversion circuitry; how-
ever, the serial I/O communication port remains active.
A temperature conversion will be initialized by a Write
operation to the Control register to select either the
Continuous Temperature Conversion or the One-Shot
operating mode. The temperature data will be available
in the MSB and LSB Temperature registers approxi-
mately 150 ms after the Control register Write
operation.
The One-Shot mode is selected by writing a ‘1’ into bit
4 of the Control register. The One-Shot mode performs
a single temperature measurement and returns to the
power-saving shutdown mode. After completion of the
temperature conversion, the One-Shot bit (OS) is reset
to ‘0’ (i.e. “OFF”). The user must set the One-Shot bit
to ‘1’ to initiate another temperature conversion.
Bits 1, 3, 5, 6 and 7 of the Control register are not used
by the TC72. Bit 2 is set to a logic ‘1’. Any write opera-
tion to these bit locations will have no affect on the
operation of the TC72.
4.2
Temperature Register
The Temperature register is a read-only register and
contains a 10-bit two’s complement representation of
the temperature measurement. Bit 0 through Bit 5 of
the LSB Temperature register are always set to a logic
‘0’.
At Power-On Reset (POR) or a Brown-Out Reset
(BOR) low voltage occurrence, the temperature regis-
ter is reset to all zeroes, which corresponds to a tem-
perature value of 0°C. A VDD power supply less than
1.6V is considered a reset event and will reset the
Temperature register to the power-up state.
4.3
Manufacturer ID Register
The Manufacturer Identification (ID) register is a read-
only register used to identify the temperature sensor as
a Microchip component.
TABLE 4-2:
CONTROL REGISTER TEMPERATURE CONVERSION MODE SELECTION
Register
Read
Address
Write
Address
Bit
7
Bit
6
Bit
5
Bit
4
Bit
3
Bit
2
Bit
1
Bit
0
Value on
POR/BOR
Control
00hex
80hex
00
0
One-Shot
(OS)
01
0
Shutdown
(SHDN)
05hex
LSB Temperature
01hex
N/A
T1
T0
0
0
00
0
0
00hex
MSB Temperature
02hex
N/A
T9
T8
T7
T6
T5 T4 T3
T2
00hex
Manufacturer ID
03hex
N/A
01
0
1
0
1
0
0
54hex
Operational Mode
One-Shot (OS) Bit 4
Shutdown (SHDN) Bit 0
Continuous Temperature Conversion
00
Shutdown
01
Continuous Temperature Conversion
(One-Shot Command is ignored if SHDN = ‘0’)
10
One-Shot
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com