Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SK3374 Datasheet (PDF) - Toshiba Semiconductor

2SK3374 Datasheet PDF - Toshiba Semiconductor
Part # 2SK3374
Download  2SK3374 Download
File Size   227.45 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (pi-MOSV)

2SK3374 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK3374 Datasheet PDF - Toshiba Semiconductor

Part # 2SK3374
Download  2SK3374 Click to download

File Size   227.45 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (pi-MOSV)

2SK3374 Datasheet (HTML) - Toshiba Semiconductor


2SK3374 Product details

Switching Regulator Applications

• Low drain-source ON-resistance: RDS (ON) = 3.7 Ω (typ.)
• High forward transfer admittance: ⎪Yfs⎪ = 0.7 S (typ.)
• Low leakage current: IDSS = 100 µA (max) (VDS = 450 V)
• Enhancement mode: Vth = 2.0 to 4.0 V (VDS = 10 V, ID = 1 mA)




Similar Part No. - 2SK3374

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3374 TOSHIBA-2SK3374 Datasheet
187Kb / 6P
Silicon N Channel MOS Type Switching Regulator Applications
2SK3374 TOSHIBA-2SK3374 Datasheet
188Kb / 6P
Switching Regulator Applications
2SK3374 TOSHIBA-2SK3374 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
2SK3374 TOSHIBA-2SK3374_06 Datasheet
187Kb / 6P
Silicon N Channel MOS Type Switching Regulator Applications
2SK3374 TOSHIBA-2SK3374_10 Datasheet
188Kb / 6P
Switching Regulator Applications
More results


Similar Description - 2SK3374

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3130 TOSHIBA-2SK3130 Datasheet
203Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (?-MOSV)
2SK3342 TOSHIBA-2SK3342 Datasheet
129Kb / 3P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (MOSV)
2SK3407 TOSHIBA-2SK3407 Datasheet
230Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOSV)
2SK3471 TOSHIBA-2SK3471 Datasheet
104Kb / 3P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOSV)
2SK3543 TOSHIBA-2SK3543 Datasheet
234Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOSV)
2SK3314 TOSHIBA-2SK3314 Datasheet
263Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PI-MOSV)
2SK3310 TOSHIBA-2SK3310 Datasheet
234Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PI-MOSV)
2SK3387 TOSHIBA-2SK3387 Datasheet
216Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (L2-pi-MOSV)
2SJ567 TOSHIBA-2SJ567_09 Datasheet
184Kb / 6P
TOSHIBA Field Effect Transistor Silicon P-Channel MOS Type (MOSV)
2SJ567(TE16L1,NQ) TOSHIBA-2SJ567(TE16L1,NQ) Datasheet
182Kb / 6P
TOSHIBA Field Effect Transistor Silicon P-Channel MOS Type (-MOSV)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com