Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SK3387 Datasheet (PDF) - Toshiba Semiconductor

2SK3387 Datasheet PDF - Toshiba Semiconductor
Part # 2SK3387
Download  2SK3387 Download
File Size   216.79 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (L2-pi-MOSV)

2SK3387 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK3387 Datasheet PDF - Toshiba Semiconductor

Part # 2SK3387
Download  2SK3387 Click to download

File Size   216.79 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (L2-pi-MOSV)

2SK3387 Datasheet (HTML) - Toshiba Semiconductor


2SK3387 Product details

Switching Regulator, DC-DC Converter and Motor Drive Applications

• 4-V gate drive
• Low drain-source ON resistance: RDS (ON) = 0.08 Ω(typ.)
• High forward transfer admittance: ⎪Yfs⎪ = 17 S (typ.)
• Low leakage current: IDSS = 100 μA (VDS = 150 V)
• Enhancement mode: Vth = 0.8~2.0 V (VDS = 10 V, ID = 1 mA)




Similar Part No. - 2SK3387

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3387 TOSHIBA-2SK3387 Datasheet
168Kb / 6P
Silicon N Channel MOS Type Switching Regulator, DC-DC Converter and Motor Drive Applications
2SK3387 TOSHIBA-2SK3387 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
2SK3387 TOSHIBA-2SK3387_06 Datasheet
168Kb / 6P
Silicon N Channel MOS Type Switching Regulator, DC-DC Converter and Motor Drive Applications
More results


Similar Description - 2SK3387

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3130 TOSHIBA-2SK3130 Datasheet
203Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (?-MOSV)
2SJ620 TOSHIBA-2SJ620 Datasheet
225Kb / 6P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (L2-?-MOSV)
2SK3342 TOSHIBA-2SK3342 Datasheet
129Kb / 3P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (MOSV)
2SK3471 TOSHIBA-2SK3471 Datasheet
104Kb / 3P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOSV)
2SK3314 TOSHIBA-2SK3314 Datasheet
263Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PI-MOSV)
2SK3310 TOSHIBA-2SK3310 Datasheet
234Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PI-MOSV)
2SK3374 TOSHIBA-2SK3374 Datasheet
227Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (pi-MOSV)
MP4412 TOSHIBA-MP4412 Datasheet
199Kb / 8P
Silicon N Channel MOS Type (Four L2-pi-MOSV inOne)
2SK2312 TOSHIBA-2SK2312_02 Datasheet
244Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (L2−??MOSV)
2SK2312 TOSHIBA-2SK2312_06 Datasheet
715Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (L2−??MOSV)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com