Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SJ620 Datasheet (PDF) - Toshiba Semiconductor

2SJ620 Datasheet PDF - Toshiba Semiconductor
Part # 2SJ620
Download  2SJ620 Download
File Size   225.53 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (L2-π-MOSV)

2SJ620 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SJ620 Datasheet PDF - Toshiba Semiconductor

Part # 2SJ620
Download  2SJ620 Click to download

File Size   225.53 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (L2-π-MOSV)

2SJ620 Datasheet (HTML) - Toshiba Semiconductor


2SJ620 Product details

Switching Regulator and DC-DC Converter Applications
Motor Drive Applications

•  4-V gate drive
•  Low drain-source ON resistance: RDS (ON)= 63 mΩ(typ.)
•  High forward transfer admittance: |Yfs| = 15 S (typ.)
•  Low leakage current: IDSS= −100 μA (max) (VDS= −100 V)
•  Enhancement model: Vth= −0.8 to −2.0 V (VDS= −10 V, ID= −1 mA)




Similar Part No. - 2SJ620

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SJ620 TOSHIBA-2SJ620 Datasheet
191Kb / 6P
Silicon P Channel MOS Type Switching Regulator and DC-DC Converter Applications
2SJ620 TOSHIBA-2SJ620 Datasheet
185Kb / 6P
Switching Regulator and DC-DC Converter Applications Motor Drive Applications
2SJ620 TOSHIBA-2SJ620 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
2SJ620 TOSHIBA-2SJ620_06 Datasheet
191Kb / 6P
Silicon P Channel MOS Type Switching Regulator and DC-DC Converter Applications
2SJ620 TOSHIBA-2SJ620_09 Datasheet
185Kb / 6P
Switching Regulator and DC-DC Converter Applications Motor Drive Applications
More results


Similar Description - 2SJ620

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3130 TOSHIBA-2SK3130 Datasheet
203Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (π-MOSV)
06-Jul-2004
2SK3342 TOSHIBA-2SK3342 Datasheet
129Kb / 3P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (MOSV)
25-Jan-2002
2SK3387 TOSHIBA-2SK3387 Datasheet
216Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (L2-pi-MOSV)
22-Jul-2002
2SK2312 TOSHIBA-2SK2312_02 Datasheet
244Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (L2−π−MOSV)
06-Feb-2002
2SK2312 TOSHIBA-2SK2312_06 Datasheet
715Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (L2−??MOSV)
2SJ567 TOSHIBA-2SJ567_09 Datasheet
184Kb / 6P
TOSHIBA Field Effect Transistor Silicon P-Channel MOS Type (MOSV)
2SJ567(TE16L1,NQ) TOSHIBA-2SJ567(TE16L1,NQ) Datasheet
182Kb / 6P
TOSHIBA Field Effect Transistor Silicon P-Channel MOS Type (-MOSV)
2SK3565 TOSHIBA-2SK3565_V01 Datasheet
218Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type, π-MOSIV
2013-11-01
2SK4106 TOSHIBA-2SK4106 Datasheet
181Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (π-MOSVI)
2009-09-29
K4110 TOSHIBA-K4110 Datasheet
199Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (π-MOSVI)
2009-09-29
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com