Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCDA1 Datasheet (PDF) - Wall Industries,Inc.

DCDA1 Datasheet PDF - Wall Industries,Inc.
Part # DCDA1
Download  DCDA1 Download
File Size   282.67 Kbytes
Page   3 Pages
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.
Description 2A Non-Isolated DC/DC Converter Single Output

DCDA1 Datasheet (PDF)

Go To PDF Page Download Datasheet
DCDA1 Datasheet PDF - Wall Industries,Inc.

Part # DCDA1
Download  DCDA1 Click to download

File Size   282.67 Kbytes
Page   3 Pages
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.
Description 2A Non-Isolated DC/DC Converter Single Output

DCDA1 Datasheet (HTML) - Wall Industries,Inc.




Similar Part No. - DCDA1

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
DCDA15P5C1-00.5B BEL-DCDA15P5C1-00.5B Datasheet
81Kb / 2P
DURA-CON ALL PLASTIC MICRO-D, SOLDER CUP AND WIRE TERMINATED
3/14/22
DCDA15P5C1-01.0B BEL-DCDA15P5C1-01.0B Datasheet
81Kb / 2P
DURA-CON ALL PLASTIC MICRO-D, SOLDER CUP AND WIRE TERMINATED
3/14/22
DCDA15P5C1-02.0B BEL-DCDA15P5C1-02.0B Datasheet
81Kb / 2P
DURA-CON ALL PLASTIC MICRO-D, SOLDER CUP AND WIRE TERMINATED
3/14/22
DCDA15P5C1-18.0B BEL-DCDA15P5C1-18.0B Datasheet
81Kb / 2P
DURA-CON ALL PLASTIC MICRO-D, SOLDER CUP AND WIRE TERMINATED
3/14/22
DCDA15P5C1-36.0B BEL-DCDA15P5C1-36.0B Datasheet
81Kb / 2P
DURA-CON ALL PLASTIC MICRO-D, SOLDER CUP AND WIRE TERMINATED
3/14/22
More results


Similar Description - DCDA1

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
LDO03C ARTESYN-LDO03C Datasheet
833Kb / 21P
Single Output C Class Non-Isolated DC/DC Converter
LDO06C ARTESYN-LDO06C Datasheet
715Kb / 21P
Single Output 6 A DC-DC C Class Non-Isolated DC/DC Converter
LDO10C ARTESYN-LDO10C Datasheet
651Kb / 20P
Single Output 10 A DC-DC C Class Non-Isolated DC-DC Converter
logo
Bel Fuse Inc.
S7DB-12C1AH BEL-S7DB-12C1AH Datasheet
157Kb / 6P
NON-ISOLATED DC/DC CONVERTER
logo
Emerson Network Power
NXI150 EMERSON-NETWORKPOWER-NXI150 Datasheet
247Kb / 4P
non-isolated dc-dc converter
logo
Mean Well Enterprises C...
NID30 MEANWELL-NID30 Datasheet
217Kb / 1P
12.5~30W DC-DC Non-isolated Single Output Converter
NID60 MEANWELL-NID60 Datasheet
254Kb / 1P
20 ~ 60W DC-DC Non-isolated Single Output Converter
logo
Rohm
BP5811 ROHM-BP5811_10 Datasheet
95Kb / 1P
Broad output DC/DC Converter(Non-isolated)
logo
Mean Well Enterprises C...
NID60 MEANWELL-NID60_09 Datasheet
254Kb / 1P
20 ~ 60W DC-DC Non-isolated Single Output Converter
NID30 MEANWELL-NID30_09 Datasheet
217Kb / 1P
12.5~30W DC-DC Non-isolated Single Output Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com