Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NID60 Datasheet (PDF) - Mean Well Enterprises Co., Ltd.

NID60 Datasheet PDF - Mean Well Enterprises Co., Ltd.
Part # NID60
Download  NID60 Download
File Size   254.62 Kbytes
Page   1 Pages
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.
Description 20 ~ 60W DC-DC Non-isolated Single Output Converter

NID60 Datasheet (PDF)

Go To PDF Page Download Datasheet
NID60 Datasheet PDF - Mean Well Enterprises Co., Ltd.

Part # NID60
Download  NID60 Click to download

File Size   254.62 Kbytes
Page   1 Pages
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.
Description 20 ~ 60W DC-DC Non-isolated Single Output Converter

NID60 Datasheet (HTML) - Mean Well Enterprises Co., Ltd.


NID60 Product details

20 ~ 60W DC-DC Non-isolated Single Output Converter

Features :
• Economical open frame design
• Wide input range
• High efficiency up to 96%
• Built-in remote ON / OFF control
• Compact size 2.0" 1.024" 0.421"(SIP package)
• Cooling by free air convection
• Protections: Short circuit / Overload / Over voltage
• 100% burn-in test
• Low cost / High reliability
• 2 years warranty




Similar Part No. - NID60

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NID6002N ONSEMI-NID6002N Datasheet
67Kb / 6P
Self?뭁rotected FET with Temperature and Current Limit
January, 2006 ??Rev. 4
NID6002NT4 ONSEMI-NID6002NT4 Datasheet
67Kb / 6P
Self?뭁rotected FET with Temperature and Current Limit
January, 2006 ??Rev. 4
NID6002NT4G ONSEMI-NID6002NT4G Datasheet
67Kb / 6P
Self?뭁rotected FET with Temperature and Current Limit
January, 2006 ??Rev. 4
logo
Mean Well Enterprises C...
NID60S24-05 MEANWELL-NID60S24-05 Datasheet
254Kb / 1P
20 ~ 60W DC-DC Non-isolated Single Output Converter
NID60S24-12 MEANWELL-NID60S24-12 Datasheet
254Kb / 1P
20 ~ 60W DC-DC Non-isolated Single Output Converter
More results


Similar Description - NID60

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
NID30 MEANWELL-NID30 Datasheet
217Kb / 1P
12.5~30W DC-DC Non-isolated Single Output Converter
SKA60 MEANWELL-SKA60_12 Datasheet
211Kb / 1P
60W DC-DC Regulated Single Output Converter
NID60 MEANWELL-NID60_09 Datasheet
254Kb / 1P
20 ~ 60W DC-DC Non-isolated Single Output Converter
NID30 MEANWELL-NID30_09 Datasheet
217Kb / 1P
12.5~30W DC-DC Non-isolated Single Output Converter
logo
Delta Electronics, Inc.
S24SP12005PDFA DELTA-S24SP12005PDFA Datasheet
619Kb / 5P
60W Single Output DC/DC Converter
S24SP05012 DELTA-S24SP05012 Datasheet
653Kb / 6P
60W Single Output DC/DC Converter
S24SP12005 DELTA-S24SP12005 Datasheet
619Kb / 5P
60W Single Output DC/DC Converter
S24SP15004 DELTA-S24SP15004 Datasheet
643Kb / 5P
60W Single Output DC/DC Converter
S24SP24003 DELTA-S24SP24003 Datasheet
632Kb / 5P
60W Single Output DC/DC Converter
logo
Wall Industries,Inc.
DCDA1 WALL-DCDA1 Datasheet
282Kb / 3P
2A Non-Isolated DC/DC Converter Single Output
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com