Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5247 Datasheet (PDF) - Analog Devices

AD5247 Datasheet PDF - Analog Devices
Part # AD5247
Download  AD5247 Download
File Size   1181.0 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 128-Position I2C Compatible Digital Potentiometer

AD5247 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD5247 Datasheet PDF - Analog Devices

Part # AD5247
Download  AD5247 Click to download

File Size   1181.0 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 128-Position I2C Compatible Digital Potentiometer

AD5247 Datasheet (HTML) - Analog Devices


AD5247 Product details

GENERAL DESCRIPTION
The AD5247 provides a compact, 2 mm × 2.1 mm, packaged solution for 128-position adjustment applications. This device performs the same electronic adjustment function as a mechanical potentiometer or a variable resistor. Available in four different end-to-end resistance values (5 kΩ, 10 kΩ, 50 kΩ, and 100 kΩ), these low temperature coefficient devices are ideal for high accuracy and stability variable resistance adjustments.

FEATURES
    128 positions
    End-to-end resistance: 5 kΩ, 10 kΩ, 50 kΩ, 100 kΩ
    Ultracompact, SC70-6 (2 mm × 2.1 mm) package
    I2C-compatible interface
    Full read/write of wiper register
    Power-on preset to midscale
    Single-supply 2.7 V to 5.5 V
    Rheostat mode temperature coefficient: 45 ppm/°C
    Low power, IDD = 0.9 µA at 3.3 V typical
    Wide operating temperature range: −40°C to +125°C

APPLICATIONS
    Mechanical potentiometer replacement in new designs
    Transducer adjustment of pressure, temperature, position, chemical, and optical sensors
    RF amplifier-biasing
    LCD brightness and contrast adjustment
    Automotive electronics adjustment
    Gain control and offset adjustment




Similar Part No. - AD5247

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5247BKSZ10-1RL7 AD-AD5247BKSZ10-1RL7 Datasheet
489Kb / 20P
128-Position I2C-Compatible Digital Potentiometer
Rev. F
AD5247BKSZ10-2RL7 AD-AD5247BKSZ10-2RL7 Datasheet
489Kb / 20P
128-Position I2C-Compatible Digital Potentiometer
Rev. F
AD5247BKSZ10-RL7 AD-AD5247BKSZ10-RL7 Datasheet
489Kb / 20P
128-Position I2C-Compatible Digital Potentiometer
Rev. F
AD5247BKSZ100-1RL7 AD-AD5247BKSZ100-1RL7 Datasheet
489Kb / 20P
128-Position I2C-Compatible Digital Potentiometer
Rev. F
AD5247BKSZ100-2RL7 AD-AD5247BKSZ100-2RL7 Datasheet
489Kb / 20P
128-Position I2C-Compatible Digital Potentiometer
Rev. F
More results


Similar Description - AD5247

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5245 AD-AD5245 Datasheet
995Kb / 16P
256-Position I2C Compatible Digital Potentiometer
AD5246 AD-AD5246 Datasheet
991Kb / 20P
128-Position I2C Compatible Digital Resistor
AD5259 AD-AD5259 Datasheet
245Kb / 14P
Nonvolatile, I2C-Compatible 256-Position, Digital Potentiometer
Revision 0
logo
ON Semiconductor
CAT5171 ONSEMI-CAT5171 Datasheet
171Kb / 12P
256-Position I2C Compatible Digital Potentiometer
August, 2009 ??Rev. 1
logo
Analog Devices
AD7376ARWZ10 AD-AD7376ARWZ10 Datasheet
452Kb / 20P
128-Position Digital Potentiometer
REV. D
AD5245BRJ5 AD-AD5245BRJ5 Datasheet
687Kb / 20P
256-Position I2C-Compatible Digital Potentiometer
REV. B
AD5246BKSZ100-RL7 AD-AD5246BKSZ100-RL7 Datasheet
370Kb / 16P
128-Position I2C-Compatible Digital Resistor
REV. C
AD5247BKSZ100-2RL7 AD-AD5247BKSZ100-2RL7 Datasheet
489Kb / 20P
128-Position I2C-Compatible Digital Potentiometer
Rev. F
AD5245BRJ50 AD-AD5245BRJ50 Datasheet
687Kb / 20P
256-Position I2C-Compatible Digital Potentiometer
REV. B
AD5245BRJ10 AD-AD5245BRJ10 Datasheet
687Kb / 20P
256-Position I2C-Compatible Digital Potentiometer
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com