Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC263LP4E Datasheet (PDF) - Analog Devices

HMC263LP4E Datasheet PDF - Analog Devices
Part # HMC263LP4E
Download  HMC263LP4E Download
File Size   1333.48 Kbytes
Page   7 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description GaAs MMIC LOW NOISE AMPLIFIER

HMC263LP4E Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC263LP4E Datasheet PDF - Analog Devices

Part # HMC263LP4E
Download  HMC263LP4E Click to download

File Size   1333.48 Kbytes
Page   7 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description GaAs MMIC LOW NOISE AMPLIFIER

HMC263LP4E Datasheet (HTML) - Analog Devices


HMC263LP4E Product details

General Description
The HMC263LP4E is a GaAs MMIC Low Noise Amplif er (LNA) which covers the frequency range of 24 to 36 GHz and is housed in a leadless plastic SMT package. The HMC263LP4E utilizes a GaAs PHEMT process offering 20 dB gain from a single bias supply of + 3V @ 58 mA with a noise f gure of 2.2 dB. The HMC263LP4E may be used in conjunction with HMC264LC3B or HMC265LM3 mixers to realize a millimeterwave system receiver. The RF I/Os are DC blocked and matched to 50 Ohms requiring no external components.

Features
   Low Noise Figure: 2.2 dB
   High Gain: 20 dB
   Single Positive Supply: +3V or +5V
   DC Blocked RF I/Os
   No External Matching
   24 Lead 4x4mm QFN Package: 16mm2

Typical Applications
   The HMC263LP4E is ideal for:
   • Millimeterwave Point-to-Point Radios
   • LMDS
   • VSAT
   • SATCOM




Similar Part No. - HMC263LP4E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC263LP4E HITTITE-HMC263LP4E Datasheet
963Kb / 8P
GaAs MMIC LOW NOISE AMPLIFIER, 24 - 36 GHz
HMC263LP4E HITTITE-HMC263LP4E Datasheet
272Kb / 8P
GaAs MMIC LOW NOISE AMPLIFIER, 24 - 36 GHz
HMC263LP4E HITTITE-HMC263LP4E Datasheet
272Kb / 1P
GaAs MMIC LOW NOISE AMPLIFIER, 24 - 36 GHz
HMC263LP4E HITTITE-HMC263LP4E Datasheet
272Kb / 8P
GaAs MMIC LOW NOISE AMPLIFIER, 24 - 36 GHz
HMC263LP4E HITTITE-HMC263LP4E_09 Datasheet
272Kb / 8P
GaAs MMIC LOW NOISE AMPLIFIER, 24 - 36 GHz
More results


Similar Description - HMC263LP4E

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1102F1 NJRC-NJG1102F1 Datasheet
139Kb / 8P
LOW NOISE AMPLIFIER GaAs MMIC
logo
Sanyo Semicon Device
SPM0103A SANYO-SPM0103A Datasheet
28Kb / 2P
Low-Noise GaAs Amplifier MMIC
logo
New Japan Radio
NJG1107HB3 NJRC-NJG1107HB3 Datasheet
184Kb / 8P
LOW NOISE AMPLIFIER GaAs MMIC
logo
M/A-COM Technology Solu...
MAAM37000_V7 MA-COM-MAAM37000_V7 Datasheet
247Kb / 4P
Low Noise GaAs MMIC Amplifier
MAAM37000-A1_V7 MA-COM-MAAM37000-A1_V7 Datasheet
172Kb / 3P
Low Noise GaAs MMIC Amplifier
MAAM37000 MA-COM-MAAM37000 Datasheet
247Kb / 4P
Low Noise GaAs MMIC Amplifier
MAAM37000-A1 MA-COM-MAAM37000-A1 Datasheet
172Kb / 3P
Low Noise GaAs MMIC Amplifier
MAAM37000 MA-COM-MAAM37000_15 Datasheet
247Kb / 4P
Low Noise GaAs MMIC Amplifier
MAAM37000-A1 MA-COM-MAAM37000-A1_15 Datasheet
172Kb / 3P
Low Noise GaAs MMIC Amplifier
MAAM37000 MA-COM-MAAM37000_16 Datasheet
975Kb / 5P
Low Noise GaAs MMIC Amplifier
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com