Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC263LP4E Datasheet (PDF) - Hittite Microwave Corporation

HMC263LP4E Datasheet PDF - Hittite Microwave Corporation
Part # HMC263LP4E
Download  HMC263LP4E Download
File Size   272.6 Kbytes
Page   8 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC LOW NOISE AMPLIFIER, 24 - 36 GHz

HMC263LP4E Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC263LP4E Datasheet PDF - Hittite Microwave Corporation

Part # HMC263LP4E
Download  HMC263LP4E Click to download

File Size   272.6 Kbytes
Page   8 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC LOW NOISE AMPLIFIER, 24 - 36 GHz

HMC263LP4E Datasheet (HTML) - Hittite Microwave Corporation


HMC263LP4E Product details

General Description
The HMC263LP4E is a GaAs MMIC Low Noise Amplif er (LNA) which covers the frequency range of 24 to 36 GHz and is housed in a leadless plastic SMT package. The HMC263LP4E utilizes a GaAs PHEMT process offering 20 dB gain from a single bias supply of + 3V @ 58 mA with a noise f gure of 2.2 dB. The HMC263LP4E may be used in conjunction with HMC264LC3B or HMC265LM3 mixers to realize a millimeterwave system receiver. The RF I/Os are DC blocked and matched to 50 Ohms requiring no external components.

Features
   Low Noise Figure: 2.2 dB
   High Gain: 20 dB
   Single Positive Supply: +3V or +5V
   DC Blocked RF I/Os
   No External Matching
   24 Lead 4x4mm QFN Package: 16mm2

Typical Applications
   The HMC263LP4E is ideal for:
   • Millimeterwave Point-to-Point Radios
   • LMDS
   • VSAT
   • SATCOM




Similar Part No. - HMC263LP4E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC263LP4E HITTITE-HMC263LP4E Datasheet
963Kb / 8P
GaAs MMIC LOW NOISE AMPLIFIER, 24 - 36 GHz
HMC263LP4E HITTITE-HMC263LP4E Datasheet
272Kb / 1P
GaAs MMIC LOW NOISE AMPLIFIER, 24 - 36 GHz
HMC263LP4E HITTITE-HMC263LP4E Datasheet
272Kb / 8P
GaAs MMIC LOW NOISE AMPLIFIER, 24 - 36 GHz
logo
Analog Devices
HMC263LP4E AD-HMC263LP4E Datasheet
1Mb / 7P
GaAs MMIC LOW NOISE AMPLIFIER
logo
Hittite Microwave Corpo...
HMC263LP4E HITTITE-HMC263LP4E_09 Datasheet
272Kb / 8P
GaAs MMIC LOW NOISE AMPLIFIER, 24 - 36 GHz
More results


Similar Description - HMC263LP4E

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA028N1-00 ALPHA-AA028N1-00 Datasheet
96Kb / 2P
24-30 GHz GaAs MMIC Low Noise Amplifier
AA035N1-00 ALPHA-AA035N1-00 Datasheet
173Kb / 3P
28-36 GHz GaAs MMIC Low Noise Amplifier
logo
Hittite Microwave Corpo...
HMC263 HITTITE-HMC263 Datasheet
212Kb / 8P
GaAs MMIC LOW NOISE AMPLIFIER, 24 - 36 GHz
HMC282 HITTITE-HMC282 Datasheet
109Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER 36 - 40 GHz
HMC263 HITTITE-HMC263_07 Datasheet
231Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER, 24 - 36 GHz
HMC341 HITTITE-HMC341_07 Datasheet
222Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER, 24 - 30 GHz
HMC263LP4 HITTITE-HMC263LP4_09 Datasheet
272Kb / 1P
GaAs MMIC LOW NOISE AMPLIFIER, 24 - 36 GHz
HMC263LP4E HITTITE-HMC263LP4E_09 Datasheet
272Kb / 8P
GaAs MMIC LOW NOISE AMPLIFIER, 24 - 36 GHz
HMC282 HITTITE-HMC282_00 Datasheet
153Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER, 36 - 40 GHz
HMC263LP4E HITTITE-HMC263LP4E_10 Datasheet
963Kb / 8P
GaAs MMIC LOW NOISE AMPLIFIER, 24 - 36 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com