Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC342LC4 Datasheet (PDF) - Analog Devices

HMC342LC4 Datasheet PDF - Analog Devices
Part # HMC342LC4
Download  HMC342LC4 Download
File Size   340.67 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description GaAs PHEMT MMIC LOW NOISE AMPLIFIER

HMC342LC4 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC342LC4 Datasheet PDF - Analog Devices

Part # HMC342LC4
Download  HMC342LC4 Click to download

File Size   340.67 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description GaAs PHEMT MMIC LOW NOISE AMPLIFIER

HMC342LC4 Datasheet (HTML) - Analog Devices


HMC342LC4 Product details

General Description
The HMC342LC4 is a GaAs PHEMT MMIC Low Noise Amplifier housed in a leadless 4x4 mm RoHS compliant SMT package. Operating from 13 to 25 GHz, the amplifi er provides 22 dB of gain and +19 dBm of output IP3 from a single +3.0V supply. The low noise fi gure performance of 3.5 dB is ideal for recieve and transmit pre-driver applications. The RF I/Os are DC blocked and matched to 50 Ohms for ease of use. The HMC342LC4 allows the use of surface mount manufacturing techniques and requires no external matching components.

Features
   Noise Figure: 3.5 dB
   Gain: 22 dB
   Single Positive Supply: +3.0 V @ 43 mA
   50 Ohm Matched Input/Output
   RoHS Compliant 4x4 mm SMT Package

Typical Applications
The HMC342LC4 is ideal for:
• Point-to-Point Radios
• Point-to-Multi-Point Radios & VSAT
• Test Equipment & Sensors
• Military End-Use




Similar Part No. - HMC342LC4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC342LC4 HITTITE-HMC342LC4 Datasheet
303Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 13 - 25 GHz
HMC342LC4 HITTITE-HMC342LC4 Datasheet
220Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 13 - 25 GHz
HMC342LC4 HITTITE-HMC342LC4_09 Datasheet
220Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 13 - 25 GHz
More results


Similar Description - HMC342LC4

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC462LP5 AD-HMC462LP5 Datasheet
375Kb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC594LC3B AD-HMC594LC3B Datasheet
356Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER
HMC962LC4 AD-HMC962LC4 Datasheet
371Kb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC1049 AD-HMC1049 Datasheet
272Kb / 14P
GaAs pHEMT MMIC Low Noise Amplifier
Jun-2017
HMC376LP3 AD-HMC376LP3 Datasheet
316Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER
HMC460 AD-HMC460 Datasheet
506Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER
HMC460LC5 AD-HMC460LC5 Datasheet
1Mb / 7P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER,
HMC462 AD-HMC462 Datasheet
443Kb / 8P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC518 AD-HMC518 Datasheet
625Kb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC566LP4E AD-HMC566LP4E Datasheet
412Kb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com