Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC566LP4E Datasheet (PDF) - Analog Devices

HMC566LP4E Datasheet PDF - Analog Devices
Part # HMC566LP4E
Download  HMC566LP4E Download
File Size   412.74 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description GaAs pHEMT MMIC LOW NOISE AMPLIFIER

HMC566LP4E Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC566LP4E Datasheet PDF - Analog Devices

Part # HMC566LP4E
Download  HMC566LP4E Click to download

File Size   412.74 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description GaAs pHEMT MMIC LOW NOISE AMPLIFIER

HMC566LP4E Datasheet (HTML) - Analog Devices


HMC566LP4E Product details

General Description
The HmC566lp4e is a high dynamic range GaAs pHemT mmiC low Noise Amplifier (lNA) in a 4x4 mm smT package which operates from 28 to 36 GHz. The HmC566lp4e provides 21 dB of small signal gain, 2.8 dB of noise figure and output ip3 of 24 dBm. This self-biased lNA is ideal for hybrid and mCm assemblies due to its compact size, single +3V supply operation, and DC blocked rf i/o’s. The roHs packaged HmC566lp4e eliminates the need for wirebonding and allows the use of high volume surface mount manufacturing techniques. The HmC566lp4e is also available in chip form as the HmC566.

Features
   low Noise figure: 2.8 dB
   High Gain: 21 dB
   High oip3: +24 dBm
   single positive supply: +3V @ 82 mA
   50 ohm matched & DC Blocked i/os
   24 lead 4x4mm QfN package: 16mm²

Typical Applications
The HmC566lp4e is ideal for:
• point-to-point radios
• point-to-multi-point radios & VsAT
• Test equipment and sensors
• military & space




Similar Part No. - HMC566LP4E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC566LP4E HITTITE-HMC566LP4E Datasheet
961Kb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER, 28 - 36 GHz
HMC566LP4E HITTITE-HMC566LP4E Datasheet
263Kb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER, 28 - 36 GHz
HMC566LP4E HITTITE-HMC566LP4E Datasheet
263Kb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER, 28 - 36 GHz
HMC566LP4E HITTITE-HMC566LP4E_10 Datasheet
961Kb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER, 28 - 36 GHz
More results


Similar Description - HMC566LP4E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC342LC4 AD-HMC342LC4 Datasheet
340Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER
HMC462LP5 AD-HMC462LP5 Datasheet
375Kb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC594LC3B AD-HMC594LC3B Datasheet
356Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER
HMC962LC4 AD-HMC962LC4 Datasheet
371Kb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC1049 AD-HMC1049 Datasheet
272Kb / 14P
GaAs pHEMT MMIC Low Noise Amplifier
Jun-2017
HMC376LP3 AD-HMC376LP3 Datasheet
316Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER
HMC460 AD-HMC460 Datasheet
506Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER
HMC460LC5 AD-HMC460LC5 Datasheet
1Mb / 7P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER,
HMC462 AD-HMC462 Datasheet
443Kb / 8P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC518 AD-HMC518 Datasheet
625Kb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com