Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC566LP4E Datasheet (PDF) - Hittite Microwave Corporation

HMC566LP4E Datasheet PDF - Hittite Microwave Corporation
Part # HMC566LP4E
Download  HMC566LP4E Download
File Size   263.51 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs pHEMT MMIC LOW NOISE AMPLIFIER, 28 - 36 GHz

HMC566LP4E Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC566LP4E Datasheet PDF - Hittite Microwave Corporation

Part # HMC566LP4E
Download  HMC566LP4E Click to download

File Size   263.51 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs pHEMT MMIC LOW NOISE AMPLIFIER, 28 - 36 GHz

HMC566LP4E Datasheet (HTML) - Hittite Microwave Corporation


HMC566LP4E Product details

General Description
The HMC566LP4E is a high dynamic range GaAs pHEMT MMIC Low Noise Amplif er (LNA) in a 4x4 mm SMT package which operates from 28 to 36 GHz. The HMC566LP4E provides 21 dB of small signal gain, 2.8 dB of noise f gure and output IP3 of 24 dBm. This self-biased LNA is ideal for hybrid and MCM assemblies due to its compact size, single +3V supply operation, and DC blocked RF I/O’s. The RoHS packaged HMC566LP4E eliminates the need for wirebonding and allows the use of high volume surface mount manufacturing techniques. The HMC566LP4E is also available in chip form as the HMC566.

Features
    Low Noise Figure: 2.8 dB
    High Gain: 21 dB
    High OIP3: +24 dBm
    Single Positive Supply: +3V @ 82 mA
    50 Ohm Matched & DC Blocked I/Os
    24 Lead 4x4mm QFN Package: 16mm2

Typical Applications
The HMC566LP4E is ideal for:
• Point-to-Point Radios
• Point-to-Multi-Point Radios & VSAT
• Test Equipment and Sensors
• Military & Space




Similar Part No. - HMC566LP4E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC566LP4E HITTITE-HMC566LP4E Datasheet
961Kb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER, 28 - 36 GHz
HMC566LP4E HITTITE-HMC566LP4E Datasheet
263Kb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER, 28 - 36 GHz
logo
Analog Devices
HMC566LP4E AD-HMC566LP4E Datasheet
412Kb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER
logo
Hittite Microwave Corpo...
HMC566LP4E HITTITE-HMC566LP4E_10 Datasheet
961Kb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER, 28 - 36 GHz
More results


Similar Description - HMC566LP4E

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA035N1-00 ALPHA-AA035N1-00 Datasheet
173Kb / 3P
28-36 GHz GaAs MMIC Low Noise Amplifier
logo
Hittite Microwave Corpo...
HMC566 HITTITE-HMC566 Datasheet
317Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 29 - 36 GHz
HMC566LP4 HITTITE-HMC566LP4_09 Datasheet
263Kb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER, 28 - 36 GHz
HMC566 HITTITE-HMC566_09 Datasheet
247Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 29 - 36 GHz
HMC566LP4E HITTITE-HMC566LP4E_10 Datasheet
961Kb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER, 28 - 36 GHz
logo
Analog Devices
HMC962LC4 AD-HMC962LC4 Datasheet
371Kb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC1049 AD-HMC1049 Datasheet
272Kb / 14P
GaAs pHEMT MMIC Low Noise Amplifier
Jun-2017
HMC460 AD-HMC460 Datasheet
506Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER
ADL9006 AD-ADL9006 Datasheet
397Kb / 14P
2 GHz to 28 GHz, GaAs, pHEMT, MMIC Low Noise Amplifier
8/2020-Revision 0
ADL9006CHIPS AD-ADL9006CHIPS Datasheet
541Kb / 16P
2 GHz to 28 GHz, GaAs, pHEMT, MMIC, Low Noise Amplifier
1/2021-Revision 0
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com