Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC8113 Datasheet (PDF) - Analog Devices

HMC8113 Datasheet PDF - Analog Devices
Part # HMC8113
Download  HMC8113 Download
File Size   347.87 Kbytes
Page   10 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 500 W Power Amplifier

HMC8113 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC8113 Datasheet PDF - Analog Devices

Part # HMC8113
Download  HMC8113 Click to download

File Size   347.87 Kbytes
Page   10 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 500 W Power Amplifier

HMC8113 Datasheet (HTML) - Analog Devices




Similar Part No. - HMC8113

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC8114 AD-HMC8114 Datasheet
237Kb / 10P
Power Amplifier
Oct-2017
HMC8118 AD-HMC8118 Datasheet
504Kb / 27P
71 GHz to 76 GHz, E-Band I/Q Upconverter
Feb-2016
HMC8118-SX AD-HMC8118-SX Datasheet
504Kb / 27P
71 GHz to 76 GHz, E-Band I/Q Upconverter
Feb-2016
HMC8119 AD-HMC8119 Datasheet
510Kb / 27P
81 GHz to 86 GHz, E-Band I/Q Upconverter
Feb-2016
HMC8119-SX AD-HMC8119-SX Datasheet
510Kb / 27P
81 GHz to 86 GHz, E-Band I/Q Upconverter
Feb-2016
More results


Similar Description - HMC8113

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CGY2030M PHILIPS-CGY2030M Datasheet
93Kb / 12P
DECT 500 mW power amplifier
1997 Jan 17
CGY2032BTS PHILIPS-CGY2032BTS Datasheet
61Kb / 12P
DECT 500 mW power amplifier
2000 Mar 14
CGY2032TS PHILIPS-CGY2032TS Datasheet
60Kb / 12P
DECT 500 mW power amplifier
1999 Jul 21
logo
M/A-COM Technology Solu...
MAAP-010169 MA-COM-MAAP-010169 Datasheet
231Kb / 6P
10 W Power Amplifier
MAAP-010516 MA-COM-MAAP-010516 Datasheet
493Kb / 8P
3 W Power Amplifier
MAAP-015024-V3 MA-COM-MAAP-015024-V3 Datasheet
1,012Kb / 7P
Power Amplifier, 8 W
XP1050-QJ MA-COM-XP1050-QJ Datasheet
191Kb / 7P
2.5 W Power Amplifier
MAAP-008924 MA-COM-MAAP-008924_15 Datasheet
677Kb / 5P
Amplifier, Power, 1.2 W
MAAP-015030 MA-COM-MAAP-015030_15 Datasheet
1Mb / 12P
Power Amplifier, 13 W
logo
STMicroelectronics
STA516BE STMICROELECTRONICS-STA516BE Datasheet
460Kb / 20P
500 W FFX digital amplifier power stage
02-Apr-2014
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com