Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA516BE Datasheet (PDF) - STMicroelectronics

STA516BE Datasheet PDF - STMicroelectronics
Part # STA516BE
Download  STA516BE Download
File Size   460.63 Kbytes
Page   20 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 500 W FFX digital amplifier power stage

STA516BE Datasheet (PDF)

Go To PDF Page Download Datasheet
STA516BE Datasheet PDF - STMicroelectronics

Part # STA516BE
Download  STA516BE Click to download

File Size   460.63 Kbytes
Page   20 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 500 W FFX digital amplifier power stage

STA516BE Datasheet (HTML) - STMicroelectronics


STA516BE Product details

Description
STA516BE is a monolithic quad half-bridge stage in Multipower BCD Technology. The device can be used as dual bridge or reconfigured, by connecting pin CONFIG to pins VDD, as a single bridge with double-current capability or as a half bridge (binary mode) with half-current capability. A cost-effective, high fidelity audio system can be designed using ST chipset, including a modulator (e.g. STA309A or STA321) and the STA516BE. This system only requires a simple passive LC demodulation filter to deliver high-quality, high efficiency audio amplification with prove EMI compliance. The efficiency of this digital amplifier is greater than 90% into 8 Ω speakers, enabling the use of smaller power supplies and heatsinks. The STA516BE has an innovative integrated protection system, safeguarding the device against different fault conditions that could damage the overall system.

Features
■ Output Power at 56 V supply voltage − 2 x 250 W at 10% THD + N into 6 Ω BTL − 2 x 200 W at 10% THD + N into 8 Ω BTL − 4 x 130 W at 10% THD + N into 3 Ω SE − 4 x 100 W at 10% THD + N into 4 Ω SE − 1 x 480 W at 10% THD + N into 3 Ω PBTL − 1 x 380 W at 10% THD + N into 2 Ω PBTL
■ Output Power at 52 V supply voltage − 2 x 200 W at 10% THD + N into 6 Ω BTL − 4 x 100 W at 10% THD + N into 3 Ω SE − 1 x 400 W at 10% THD + N into 2 Ω PBTL
■ < 0.1% THD + N at 1 W
■ PSO-36 thermally enhanced package
■ Minimum input / output pulse width distortion
■ High efficiency power stage (> 90%) with 190 mΩ RdsON
■ CMOS compatible logic inputs
■ Integrated self protection circuits including overtemperature, undervoltage, overvoltage, overload, short-circuit
■ EMI compliant when used with recommended system design
■ Automatic recovery mode after fault conditions

Applications
■ Home theater
■ DVD receiver
■ Mini / Micro Audio systems




Similar Part No. - STA516BE

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA516BE STMICROELECTRONICS-STA516BE Datasheet
468Kb / 23P
500 W FFX digital amplifier power stage
16-Nov-2020
STA516BETR STMICROELECTRONICS-STA516BETR Datasheet
468Kb / 23P
500 W FFX digital amplifier power stage
16-Nov-2020
STA516BE STMICROELECTRONICS-STA516BE_V01 Datasheet
468Kb / 23P
500 W FFX digital amplifier power stage
16-Nov-2020
More results


Similar Description - STA516BE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5110A TI-TAS5110A Datasheet
165Kb / 17P
PurePath Digital AMPLIFIER TAS5110A 50-W DIGITAL AMPLIFIER POWER STAGE
TAS5122 TI-TAS5122_07 Datasheet
555Kb / 22P
30-W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5352 TI-TAS5352 Datasheet
827Kb / 27P
125 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342A TI-TAS5342A Datasheet
851Kb / 27P
100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342LA TI-TAS5342LA Datasheet
840Kb / 27P
100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342 TI1-TAS5342 Datasheet
1Mb / 29P
100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342DDVRG4 TI-TAS5342DDVRG4 Datasheet
974Kb / 29P
100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5110A TI1-TAS5110A_16 Datasheet
473Kb / 20P
PurePath Digital AMPLIFIER TAS5110A 50-W DIGITAL AMPLIFIER POWER STAGE
TAS5342A TI1-TAS5342A_13 Datasheet
1Mb / 27P
100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5352 TI1-TAS5352_16 Datasheet
1Mb / 29P
125 W STEREO DIGITAL AMPLIFIER POWER STAGE
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com